Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5022IB Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA5022IB
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IB Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA5022IB Datasheet HTML 8Page - Renesas Technology Corp HA5022IB Datasheet HTML 9Page - Renesas Technology Corp HA5022IB Datasheet HTML 10Page - Renesas Technology Corp HA5022IB Datasheet HTML 11Page - Renesas Technology Corp HA5022IB Datasheet HTML 12Page - Renesas Technology Corp HA5022IB Datasheet HTML 13Page - Renesas Technology Corp HA5022IB Datasheet HTML 14Page - Renesas Technology Corp HA5022IB Datasheet HTML 15Page - Renesas Technology Corp HA5022IB Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 13 of 16
May 2003
FIGURE 29. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 30. +INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 31. -INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 32. TRANSIMPEDANCE vs TEMPERATURE
FIGURE 33. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 34. REJECTION RATIO vs TEMPERATURE
Typical Performance Curves VSUPPLY = 5V, AV = +1, RF = 1k, RL = 400 TA = 25oC, Unless Otherwise Specified (Continued)
1.5
1.0
0.5
0.0
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
2
0
-2
-4
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
22
20
18
16
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
TEMPERATURE (oC)
4000
3000
2000
1000
-60
-40
-20
0
40
60
80
100
120
140
20
3
4
5
6
7
8
9
10
11
12
13
14
15
25
20
15
10
5
SUPPLY VOLTAGE (
V)
125oC
55oC
25oC
58
60
62
64
66
68
70
72
74
-100
-50
0
50
100
150
+PSRR
-PSRR
CMRR
200
250
TEMPERATURE (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com