Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5025IP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA5025IP
Description  Quad, 125MHz Video Current Feedback Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5025IP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA5025IP Datasheet HTML 7Page - Renesas Technology Corp HA5025IP Datasheet HTML 8Page - Renesas Technology Corp HA5025IP Datasheet HTML 9Page - Renesas Technology Corp HA5025IP Datasheet HTML 10Page - Renesas Technology Corp HA5025IP Datasheet HTML 11Page - Renesas Technology Corp HA5025IP Datasheet HTML 12Page - Renesas Technology Corp HA5025IP Datasheet HTML 13Page - Renesas Technology Corp HA5025IP Datasheet HTML 14Page - Renesas Technology Corp HA5025IP Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HA5025
FN3591 Rev 6.00
Page 13 of 15
May 2003
Die Characteristics
DIE DIMENSIONS:
2010
m x 3130m x 483m
METALLIZATION:
Type: Metal 1: AlCu (1%)
Thickness: Metal 1: 8k
Å 0.4kÅ
Metal 2: AlCu (1%)
Metal 2: 16k
Å 0.8kÅ
SUBSTRATE POTENTIAL (Powered Up):
V-
PASSIVATION:
Type: Nitride
Thickness: 4k
Å 0.4kÅ
TRANSISTOR COUNT:
248
PROCESS:
High Frequency Bipolar Dielectric Isolation
Metallization Mask Layout
HA5025
+IN3
V-
+IN4
+IN1
V+
+IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com