Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5503CBZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HC5503CBZ
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503CBZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HC5503CBZ Datasheet HTML 2Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 3Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 4Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 5Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 6Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 7Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 8Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 9Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 6 of 17
June 2004
Design Information
Line Feed Amplifiers
The line feed amplifiers are high power operational amplifiers
and are connected to the subscriber loop through 150
 of feed
resistance as shown in Figure 1. The feed resistors and
synthesized impedance via feedback provide a 600
 balanced
load for the 2-wire to 4-wire transmission.
The tip feed amplifier is configured as a unity gain noninverting
buffer. A -4V bias (derived from the negative battery (VBAT) in
the bias network) is applied to the input of the amplifier. Hence,
the tip feed DC level is at -4V. The principal reason for this
offset is to accommodate sourcing and sinking of longitudinal
noise currents up to 15mARMS without saturating the amplifier
output and to provide sufficient overhead for receive signals.
The tip feed amplifier also feeds the ring feed amplifier, which
is configured as a unity gain inverting amplifier as seen from
the tip feed amplifier. The noninverting input to the ring feed
amp is biased at a VBAT/2. Looking into this terminal the
amplifier has a noninverting gain of 2. Thus, the DC output at
ring feed is:
VRF(DC) = (4 + VBAT) Volts
For a -24V battery, VRF = -20V. Hence, the nominal battery
feed across the loop provided by the SLIC is 16V. When the
subscriber goes off-hook this DC feed causes current (metallic
current) to flow around the loop.
The received audio signal RX is fed into the tip feed amplifier
and appears at the tip feed terminal. It is also fed through the
ring feed amplifier and is inverted. Thus, a differential signal of
2VRX appears between tip feed and ring feed. The RX signal
causes AC audio currents to flow around the loop which are
then AC coupled to the earpiece of the telephone set.
2-Wire Impedance Matching
The HC5503 is optimized for operation with a -24V battery.
Impedance matching to a 600
 load, is achieved through the
combination of the feed resistors (RB1, RB2) and negative
feedback through resistor R2 (reference Figure 1). RB1 and
RB2 are sense resistors that detect loop current and provide
negative feedback to synthesize the remaining 300
 required
to match a 600
 line.
The impedance looking into the tip terminal is 150
 (RB1) plus
the synthesized impedance of the tip amplifier. The
synthesized tip impedance is equal to the tip feed voltage Va
divided by
IL. (Note, the tip feed amplifier is a voltage
follower. Thus, the tip feed voltage is equal to the receive input
voltage VRX, both are labeled Va.) The synthesized
impedance of the ring terminal is calculated the same way and
is the ring feed voltage divided by
IL. (Note, the ring feed
voltage is equal in magnitude to the tip feed voltage, but
opposite in phase as a result of the ring feed amplifier gain.)
TIP
150
TIP FEED
-
+
90k
-
+ 4VDC
(NOTE)
C3
R3
TO TRANSHYBRID OP-AMP
R1
INPUT
FROM
CODEC
-
+
+
-
-
+2
C4
4RS
IL
+
+4RS
IL
+
-
RING FEED
RB2
150
- IL +
RING
VBAT
2
(NOTE)
RR
HC5503
ZIN
RB1 = RB2 = RS = 150
-
+
VIN
R2
Va
RX
TX
RB1
IL
+
-
NOTE: Grounded for AC analysis.
FIGURE 1. IMPEDANCE MATCHING CIRCUITRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com