Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS160K Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS160K
Description  Radiation Hardened BCD Decade Synchronous Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS160K Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS160K Datasheet HTML 1Page - Renesas Technology Corp HCS160K Datasheet HTML 2Page - Renesas Technology Corp HCS160K Datasheet HTML 3Page - Renesas Technology Corp HCS160K Datasheet HTML 4Page - Renesas Technology Corp HCS160K Datasheet HTML 5Page - Renesas Technology Corp HCS160K Datasheet HTML 6Page - Renesas Technology Corp HCS160K Datasheet HTML 7Page - Renesas Technology Corp HCS160K Datasheet HTML 8Page - Renesas Technology Corp HCS160K Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN2296 Rev 2.00
Page 1 of 9
September 1995
FN2296
Rev 2.00
September 1995
HCS160MS
Radiation Hardened BCD Decade Synchronous Counter
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset: >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
-Standard Outputs: 10 LSTTL Loads
-Bus Driver Outputs: 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
-VIL = 30% of VCC Max
-VIH = 70% of VCC Min
• Input Current Levels Ii
 5A @ VOL, VOH
Description
The Intersil HCS160MS is a Radiation Hardened high speed
presettable BCD decade synchronous counter that features
an asynchronous reset and look-ahead carry logic. Counting
and parallel presetting are accomplished synchronously with
the low-to-high transition of the clock. A low level on the syn-
chronous parallel enable input, SPE, disables counting and
allows data at the preset inputs, P0 - P3, to be loaded into
the counter. The counter is reset by a low on the master
reset input, MR. Two count enables, PE and TE are provided
for n-bit cascading. TE also controls the terminal count out-
put, TC. The terminal count output indicates a maximum
count for one clock pulse and is used to enable the next cas-
caded stage to count.
The HCS160MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS160MS is supplied in a 16 lead Ceramic flatpack (K
suffix) or a SBDIP Package (D suffix.)
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16, LEAD FINISH C
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16, LEAD FINISH C
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
MR
CP
P0
P1
P2
P3
GND
PE
VCC
Q0
Q1
Q2
Q3
TE
SPE
TC
MR
CP
P0
P1
P2
P3
PE
GND
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VCC
TC
Q0
Q1
Q2
Q3
TE
SPE
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS160DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS160KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS160D/Sample
+25oC
Sample
16 Lead SBDIP
HCS160K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS160HMSR
+25oCDie
Die


Similar Part No. - HCS160K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS160K INTERSIL-HCS160K Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS160KMSR INTERSIL-HCS160KMSR Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
More results

Similar Description - HCS160K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
Synchronous Presettable BCD Decade Counter
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS390MS INTERSIL-HCTS390MS Datasheet
139Kb / 9P
Radiation Hardened Dual Decade Ripple Counter
September 1995
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
Fairchild Semiconductor
74F162A FAIRCHILD-74F162A Datasheet
70Kb / 7P
Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
Synchronous Presettable BCD Decade Counter
logo
Renesas Technology Corp
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com