Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS164MS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HCS164MS
Description  Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS164MS Datasheet(HTML) 9 Page - Renesas Technology Corp

  HCS164MS Datasheet HTML 1Page - Renesas Technology Corp HCS164MS Datasheet HTML 2Page - Renesas Technology Corp HCS164MS Datasheet HTML 3Page - Renesas Technology Corp HCS164MS Datasheet HTML 4Page - Renesas Technology Corp HCS164MS Datasheet HTML 5Page - Renesas Technology Corp HCS164MS Datasheet HTML 6Page - Renesas Technology Corp HCS164MS Datasheet HTML 7Page - Renesas Technology Corp HCS164MS Datasheet HTML 8Page - Renesas Technology Corp HCS164MS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HCS164MS
FN2465 Rev 2.00
Page 9 of 9
September 1995
Die Characteristics
DIE DIMENSIONS:
95 x 94mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 mils x 4 mils
Metallization Mask Layout
HCS164MS
DS1
DS2
Q0 (3)
Q1 (4)
(5)
(6)
(7)
VCC
Q7
Q6
(11) Q5
(10) Q4
(9)
(8)
NC
NC
(2)
(1)
(14)
(13)
(12)
(MR)
CP
GND
Q3
Q2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com