Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS163K Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS163K
Description  Radiation Hardened Synchronous Presettable Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS163K Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS163K Datasheet HTML 1Page - Renesas Technology Corp HCS163K Datasheet HTML 2Page - Renesas Technology Corp HCS163K Datasheet HTML 3Page - Renesas Technology Corp HCS163K Datasheet HTML 4Page - Renesas Technology Corp HCS163K Datasheet HTML 5Page - Renesas Technology Corp HCS163K Datasheet HTML 6Page - Renesas Technology Corp HCS163K Datasheet HTML 7Page - Renesas Technology Corp HCS163K Datasheet HTML 8Page - Renesas Technology Corp HCS163K Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HCS163MS
FN3087 Rev 1.00
Page 4 of 9
September 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
CP to Qn
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
31
ns
Propagation Delay
CP to TC
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
34
ns
Propagation Delay
TE to TC
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
21
ns
10, 11
+125oC, -55oC
2
23
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0.0V, f = 1MHz
+25oC
-
68
pF
+125oC, -55oC
-
83
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0.0V, f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Pulse Width Time CP(L)
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Pulse Width Time MR
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC20
ns
+125oC, -55oC30
ns
Setup Time SPE, Pn to CP
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC12
ns
+125oC, -55oC18
ns
Setup Time PE, TE to CP
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC10
ns
+125oC, -55oC15
ns
Setup Time MR to CP
TSU
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC13
ns
+125oC, -55oC20
ns
Hold Time Pn to CP
TH
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC3
-
ns
+125oC, -55oC3
-
ns
Hold Time TE, PE, SPE to CP
TH
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC0
-
ns
+125oC, -55oC0
-
ns
Removal Time
MR to CP
TREM
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC15
-
ns
+125oC, -55oC22
-
ns
Maximum
Frequency
FMAX
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
+25oC30
-
MHz
+125oC, -55oC24
-
MHz
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com