Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5B47 Datasheet(PDF) 4 Page - Analog Devices

Part # 5B47
Description  Isolated, Linearized Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B47 Datasheet(HTML) 4 Page - Analog Devices

  5B47 Datasheet HTML 1Page - Analog Devices 5B47 Datasheet HTML 2Page - Analog Devices 5B47 Datasheet HTML 3Page - Analog Devices 5B47 Datasheet HTML 4Page - Analog Devices 5B47 Datasheet HTML 5Page - Analog Devices 5B47 Datasheet HTML 6Page - Analog Devices 5B47 Datasheet HTML 7Page - Analog Devices 5B47 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5B47
Rev. 0 | Page 4 of 8
Output, 100 kHz Bandwidth
500 µV rms
Bandwidth, -3 dB
4 Hz
Output Rise Time, 10% to 90% Span
200 ms
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
1500 V rms, maximum
Output-to-Power, Continuous4
±3 V, maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
160 dB
Normal Mode Rejection (NMR), 50/60 Hz
60 dB
Input Protection
Continuous
240 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989
Output Resistance
50
Ω
Voltage Output Protection
Continuous Short to Ground
Output Selection Time
6 µs @ Cload = 0 to 2,000 pF
Output Enable Control
Max Logic "0"
+1 V
Min Logic "1"
+2.5 V
Max Logic "1"
+36 V
Input Current "0"
0.4 mA
Open Input Response
Upscale
Open Input Response Time
10 seconds
Power Supply Voltage
+5 V ±5%
Power Supply Current
30 mA
Power Supply Sensitivity, RTI
±2 µV/% of Vs
Mechanical Dimensions
2.275" x 2.375" x 0.595"
(57.8 mm x 59.1 mm x 15.1 mm)
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity
0 to 93% @ +40°C non-condensing
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
Includes the combined effects of repeatability, hysteresis, and nonlinearity and assumes RL > 50 k Ω. Loads heavier than 50 k Ω will degrade nonlinearity and gain temperature
coefficient.
2±1 µV/°C is equivalent to 0.02°C/°C for Type J thermocouples; 0.025°C/°C for Type K and T thermocouples; 0.016°C/°C for Type E thermocouples; 0.168°C/°C for Type R and S
thermocouples.
3When used with the model AC1361 CJC sensor (see Accessories section), which is provided on each channel of 5B Series backplanes and mounting cards.
4The output common must be kept within ±3 V of power common.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com