Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5378 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5378
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5378 Datasheet HTML 14Page - Analog Devices AD5378 Datasheet HTML 15Page - Analog Devices AD5378 Datasheet HTML 16Page - Analog Devices AD5378 Datasheet HTML 17Page - Analog Devices AD5378 Datasheet HTML 18Page - Analog Devices AD5378 Datasheet HTML 19Page - Analog Devices AD5378 Datasheet HTML 20Page - Analog Devices AD5378 Datasheet HTML 21Page - Analog Devices AD5378 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD5378
Rev. PrA | Page 18 of 28
FUNCTIONAL DESCRIPTION
DAC ARCHITECTURE—GENERAL
The AD5378 contains 32 DAC channels and 32 output amplifiers
in a single package. The architecture of a single DAC channel
consists of a 14-bit resistor-string DAC followed by an output
buffer amplifier. The resistor-string section is simply a string of
resistors, each of value R, from VREF(+) to AGND. This type of
architecture guarantees DAC monotonicity. The 14-bit binary
digital code loaded to the DAC register determines at which
node on the string the voltage is tapped off before being fed into
the output amplifier. The output amplifier translates the output
of the DAC to a wider range. The DAC output is gained up by a
factor of 3.5 and offset by the voltage on the VREF(−) pin. See the
Transfer Function section.
CHANNEL GROUPS
The 32 DAC channels on the AD5378 are arranged into four
groups (A, B, C, D) of eight channels. In each group, six
channels are connected to VREF1(+) and VREF1(−); the remaining
two channels are connected to VREF2(+) and VREF2(−). Each
group has two individual REFGND pins. For example, in
Group A, six channels are connected to REFGNDA1, and the
remaining two channels are connected to REFGNDA2. In
addition to an input register (x1) and a DAC register (x2), each
channel has a gain register (m) and an offset register (c). See
Table 18. Including these registers allows the user to calibrate
out errors in the complete signal chain, including the DAC
errors.
Table 10 shows the reference and REFGND inputs, and the
m and c registers for Group A. Groups B, C, and D are similar.
Table 10. Inputs and Registers for Group A
Channel
Reference
REFGND
m, c Registers
0…5
VREF1(+), VREF1(−)
REFGNDA1
m REG0…5
c REG0…5
6…7
VREF2(+), VREF2(−)
REFGNDA2
m REG6…7
c REG6…7
TRANSFER FUNCTION
The digital input transfer function for each DAC can be
represented as
x2 = [(m + 1)/213 × x1] + (c − 2n−1)
where:
x2 is the data-word loaded to the resistor string DAC.
The default is 10 0000 0000 0000.
x1 is the 14-bit data-word written to the DAC input register.
The default is 10 0000 0000 0000.
m is the 13-bit gain coefficient. The default is 1 1111 1111 1111.
c is the 14-bit offset coefficient. The default is 10 0000 0000 0000.
n is the DAC resolution. n = 14.
Figure 19 shows a single DAC channel and its associated
registers. The power-on values for the m and c registers are full
scale and 0x2000, respectively. The user can individually adjust
the voltage range on each DAC channel by overwriting the
power-on values of m and c. The AD5378 has digital overflow
and underflow detection circuitry to clamp the DAC output at
full scale or at zero scale when the values chosen for x1, m, and
c result in x2 being out of range.
DAC
x2
VREF(+)
AGND
x2
REG
x1 INPUT
REG
DAC
m REG
c REG
INPUT
DATA
VDAC
DAC
REG
LDAC
Figure 19. Single DAC Channel
The complete transfer function for the AD5378 can be
represented as
VOUT = 3.5 × ((VREF(+)− AGND) × x2/214) +
2.5 × (VREF(−)− AGND) + REFGND
where:
x2 is the data-word loaded to the resistor string DAC.
VREF(+) is the voltage at the positive reference pin.
VREF(−) is the voltage at the negative reference pin.
Figure 20 shows the output amplifier stage of a single channel.
VDAC is the voltage output from the resistor string DAC. The
nominal range of VDAC is 1 LSB to full scale.
VDAC
R
R
R
2.5R
2.5R
VOUT
VREF(–)
REFGND
AGND
Figure 20. Output Amplifier Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com