Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP87C52 Datasheet(PDF) 17 Page - Intel Corporation

Part # TP87C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C52 Datasheet(HTML) 17 Page - Intel Corporation

Back Button TP87C52 Datasheet HTML 13Page - Intel Corporation TP87C52 Datasheet HTML 14Page - Intel Corporation TP87C52 Datasheet HTML 15Page - Intel Corporation TP87C52 Datasheet HTML 16Page - Intel Corporation TP87C52 Datasheet HTML 17Page - Intel Corporation TP87C52 Datasheet HTML 18Page - Intel Corporation TP87C52 Datasheet HTML 19Page - Intel Corporation TP87C52 Datasheet HTML 20Page - Intel Corporation TP87C52 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
8XC525458
SERIAL PORT TIMING - SHIFT REGISTER MODE
Test Conditions Over Operating Conditions Load Capacitance e 80 pF
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
33 MHz
Variable
Min
Max
Min
Max
Min
Max
Min
Max
TXLXL
Serial Port
1
050
036
12 TCLCL
m
s
Clock
Cycle Time
TQVXH
Output Data
700
284
167
10 TCLCL b 133
ns
Setup to Clock
Rising Edge
TXHQX
Output Data
Hold after Clock
Rising Edge
8XC5X
50
2 TCLCL b 117
ns
8XC5X-2433
34
10
2 TCLCL b 50
ns
TXHDX
Input Data Hold
0
0
0
0
ns
After Clock
Rising Edge
TXHDV
Clock Rising
700
283
167
10 TCLCL b 133
ns
Edge to Input
Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
272336 – 15
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com