Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS6915 Datasheet(PDF) 10 Page - Analog Microelectronics GmbH

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6915 Datasheet(HTML) 10 Page - Analog Microelectronics GmbH

Back Button AMS6915 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 9Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 10Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 11Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 12Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 13Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2022, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 2.0
10/13
Calculating the current pressure and temperature value
The digital output values for pressure (14-bit value) and temperature (11-bit value) have to be converted in
order to generate the desired information on pressure and temperature in physical units.
The current pressure in mbar (or PSI) is calculated from the digital pressure value using the following
equations:
pp =
Digoutp(p) – Digoutpmin
Sensp
+ p
min
with
Ssensp =
Digoutpmax – Digoutpmin
pmax – pmin
(1)
wherein p is the current pressure in mbar
2, p
min is the specified minimum pressure and pmax is the specific
maximum pressure in mbar; depending on the specified pressure range, Digoutp(p) is the current digital 14-
bit pressure value in counts, Digoutpmin and Digoutpmax are the digital pressure values at minimum and
maximum specified pressure in counts and Sensp is the sensitivity of the pressure sensor in counts/mbar.
The current sensor temperature in °C is calculated from the digital temperature output value using the
following equation:
TT =
DigoutT(T)
2048
∗ 200 °C – 50 °C
(2)
Therein T is the current sensor temperature in °C and DigoutT(T) is the current 11-bit digital temperature
output value in counts.
Example:
At the digital output of an AMS 6915-0005-D-B (-
5 … 5 mbar bidirectional differential sensor) the following
data bytes 1 … 4 are read:
Byte 1: 00101100
Byte 2: 11001101
Byte 3: 01011100
Byte 4: 11100000
Taking the last 14 bits of byte 1 and byte 2 the current 14 bit digital pressure value is:
Digoutp(p) = 10110011001101bin counts = 2CCDHex counts = 11469Dec counts
and with the first 11 bits of byte 3 and byte 4 the digital temperature value is:
DigoutT(T) = 01011100111 bin counts = 2E7Hex counts = 743Dec counts.
For AMS 6915-0005-D-B the following values are specified:
pmin = -5 mbar, pmax = 5 mbar and Digoutpmin = 1638, Digoutpmax = 14745
Using these values and equation (1) the current pressure in mbar can be calculated:
pp =
(11469 − 1638) counts
(13107 / 10) counts / mbar
+ (-5) mbar = 2.501 mbar
Using equation (2), the current sensor temperature in °C is calculated as:
TT =
(743 ∙ 200) counts∙°C
2048 counts
− 50 °C = 22.6 °C
2 If the current pressure is required in another physical unit, we suggest calculating the current pressure value in mbar as
described above and converting the value into the required physical unit then.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com