Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS245MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCTS245MS
Description  Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS245MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCTS245MS Datasheet HTML 1Page - Renesas Technology Corp HCTS245MS Datasheet HTML 2Page - Renesas Technology Corp HCTS245MS Datasheet HTML 3Page - Renesas Technology Corp HCTS245MS Datasheet HTML 4Page - Renesas Technology Corp HCTS245MS Datasheet HTML 5Page - Renesas Technology Corp HCTS245MS Datasheet HTML 6Page - Renesas Technology Corp HCTS245MS Datasheet HTML 7Page - Renesas Technology Corp HCTS245MS Datasheet HTML 8Page - Renesas Technology Corp HCTS245MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN2360 Rev 2.00
Page 1 of 10
September 1995
FN2360
Rev 2.00
September 1995
HCTS245MS
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
DATASHEET
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCTS245MS is a Radiation Hardened Non-
Inverting Octal Bidirectional Bus Transceiver, Three-State,
intended for two-way asynchronous communication between
data busses. The HCTS245MS allows data transmission
from the A bus to the B bus or from the B bus to the A bus.
The logic level at the direction input (DIR) determines the
data direction. The output enable input (OE) puts the I/O port
in the high-impedance state when high.
The HCTS245MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS245MS is supplied in a 20 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T20
TOP VIEW
20 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F20
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
OE
B3
B4
B5
B6
B7
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
9
10
12
11
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
OE
B3
B4
B5
B6
B7
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS245DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
HCTS245KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
HCTS245D/Sample
+25oC
Sample
20 Lead SBDIP
HCTS245K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
HCTS245HMSR
+25oCDie
Die


Similar Part No. - HCTS245MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
More results

Similar Description - HCTS245MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS245MS INTERSIL-ACS245MS Datasheet
75Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
ACTS245MS INTERSIL-ACTS245MS Datasheet
75Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS245T INTERSIL-ACTS245T Datasheet
78Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
July 1999
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
logo
Renesas Technology Corp
ACS245MS RENESAS-ACS245MS Datasheet
319Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com