Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTS299MS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HCTS299MS
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS299MS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HCTS299MS Datasheet HTML 4Page - Renesas Technology Corp HCTS299MS Datasheet HTML 5Page - Renesas Technology Corp HCTS299MS Datasheet HTML 6Page - Renesas Technology Corp HCTS299MS Datasheet HTML 7Page - Renesas Technology Corp HCTS299MS Datasheet HTML 8Page - Renesas Technology Corp HCTS299MS Datasheet HTML 9Page - Renesas Technology Corp HCTS299MS Datasheet HTML 10Page - Renesas Technology Corp HCTS299MS Datasheet HTML 11Page - Renesas Technology Corp HCTS299MS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HCTS299MS
FN3069 Rev 1.00
Page 10 of 12
August 1995
AC Timing Diagrams and Load Circuit
FIGURE 1. CLOCK PRE-REQUISITE AND PROPAGATION
DELAYS
FIGURE 2. MASTER RESET PRE-REQUISITE AND PROPAGA-
TION DELAYS
FIGURE 3. DATA PRE-REQUISITE TIMES
FIGURE 4. OUTPUT TRANSITION TIME
FIGURE 5. AC LOAD CIRCUIT
CP
I/On, Q0 OR Q7
VS
VS
TPHL
TW
TPLH
VS
VS
VS
INPUT LEVEL
tPHL
TREC
VS
MR
INPUT LEVEL
VS
VS
TW
VS
Q0 TO Q7
CP
TSU(L)
VS
INPUT
VS
VS
VS
DS0, DS7
CP
VS
TH(L)
TSU(L)
LEVEL
TH(H)
VS
OR I/On
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH
AC VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com