Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC138AFPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74AC138AFPEL
Description  1-of-8 Decoder/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74AC138AFPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74AC138AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 11Page - Renesas Technology Corp HD74AC138AFPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD74AC138/HD74ACT138
Rev.2.00, Jul.16.2004, page 6 of 9
AC Characteristics: HD74ACT138
Ta = +25°C
C
L = 50 pF
Ta = –40°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
An to
O
n
t
PLH
5.0
1.0
7.0
10.5
1.0
11.5
ns
Propagation delay
An to
O
n
t
PHL
5.0
1.0
6.5
10.5
1.0
11.5
ns
Propagation delay
E
1 or E 2 to On
t
PLH
5.0
1.0
8.0
11.5
1.0
12.5
ns
Propagation delay
E
1 or E 2 to On
t
PHL
5.0
1.0
7.5
11.5
1.0
12.5
ns
Propagation delay
E
3 to On
t
PLH
5.0
1.0
8.0
12.0
1.0
13.0
ns
Propagation delay
E
3 to On
t
PHL
5.0
1.0
6.5
10.5
1.0
11.5
ns
Note:
1. Voltage Range 5.0 is 5.0 V ± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
60.0
pF
V
CC = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com