Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5025EVAL Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA5025EVAL
Description  Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5025EVAL Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA5025EVAL Datasheet HTML 5Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 6Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 7Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 8Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 9Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 10Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 11Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 12Page - Renesas Technology Corp HA5025EVAL Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
HFA1412
FN4152 Rev 4.00
Page 13 of 13
January 23, 2006
Die Characteristics
DIE DIMENSIONS:
79
mils x 118mils x 19 mils
2000
m x 3000m x 483m
METALLIZATION:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å 0.4kÅ
Type: Metal 2: AICu(2%)
Thickness: Thickness: Metal 2: 16k
Å 0.8kÅ
SUBSTRATE POTENTIAL (Powered Up):
Floating (Recommend Connection to V-)
PASSIVATION:
Type: Nitride
Thickness: 4k
Å 0.5kÅ
TRANSISTOR COUNT:
320
Metallization Mask Layout
HFA1412
V-
+IN1
V+
OUT1
OUT4
-IN1
-IN4
+IN4
+IN3
+IN2
-IN3
-IN2
OUT3
OUT2
V-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com