Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP0045AB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP0045AB
Description  1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0045AB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP0045AB Datasheet HTML 2Page - Renesas Technology Corp HIP0045AB Datasheet HTML 3Page - Renesas Technology Corp HIP0045AB Datasheet HTML 4Page - Renesas Technology Corp HIP0045AB Datasheet HTML 5Page - Renesas Technology Corp HIP0045AB Datasheet HTML 6Page - Renesas Technology Corp HIP0045AB Datasheet HTML 7Page - Renesas Technology Corp HIP0045AB Datasheet HTML 8Page - Renesas Technology Corp HIP0045AB Datasheet HTML 9Page - Renesas Technology Corp HIP0045AB Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HIP0045
FN4047 Rev 12.00
Page 7 of 10
Apr 1999
SCK - Serial clock input. The SCK signal clocks the shift
register and new MOSI (input) data will be latched into the shift
register on every falling edge of SCK. The SCK phase bit,
CPHA=1 and the polarity bit, CPOL=0, must be set in the
microcomputer’s control register.
Functional Descriptions
The HIP0045 is a low quiescent power, high voltage, high
current, octal, serial low side driver featuring eight channels of
open drain MOS output drivers. Referring to the Detailed Block
Diagram, the drivers have low rDSON and low saturation
voltage with over-voltage drain-to-gate zener clamp circuits.
Each output is short circuit protected and suited for driving
resistive or inductive loads such as solenoids, relays and
lamps. Data is transmitted to the device serially using the
Serial Peripheral Interface (SPI) protocol. Each channel is
independently controlled by an output latch and a common
RESET line that disables all eight outputs. Byte timing with
asynchronous reset is shown in Figure 2.
The circuit receives 8-bit serial data by means of the serial input
(MOSI), and stores this data in an internal register to control the
output drivers. The serial output (MISO) provides 8-bit diagnostic
data representing the voltage level at the driver output. This
allows the microcomputer to diagnose the condition at the output
drivers. The device is selected when the chip enable (CE) line is
low. When (CE) is high, the device is deselected and the serial
output (MISO) is placed in a three-state high impedance mode.
The device shifts serial data on the rising edge of the serial clock
(SCK), and latches data on the falling edge. On the rising edge of
chip enable (CE), new input data from the shift register is latched
to control the output drivers. The falling edge of chip enable (CE)
transfers the output drivers fault information back to the shift
register. The output drivers have low ON voltage at rated current,
and are monitored by a comparator for an out of saturation
condition, in which case the output driver with the fault becomes
unlatched and diagnostic data is sent to the microcomputer via
the MISO line. A typical microcomputer interface circuit is shown
in Figure 3.
SPI Shift Register
The SPI shift register has both serial and parallel inputs and
outputs. Serial output and input data are simultaneously
transferred to and from the SPI bus. The serial input data is
parallel latched into the 8-Bit Output Latch of the HIP0045 at
the end of a data transfer. Diagnostic data, Diag0-7 is
transferred to the shift register when CE goes low at the
beginning of a data transfer cycle.
8-Bit Output Latch
The 8-Bit Output Latch is used to control the output drivers.
New serial data is transferred from the shift register to the 8-Bit
Output Latch when CE goes high. The 8-Bit Output Latch is
cleared by an active low RESET signal.
Output Drivers
The output drivers provide an active low output of 500mA
nominal with current limiting set to greater than 1.05A to allow
for high inrush currents. In addition, each output is provided
with a voltage drain-to-gate clamp circuit to limit inductive
transients. Each output driver is also monitored by a
comparator for an out of saturation condition. If the output
voltage of an ON output pin exceeds the saturation voltage
limit, a fault latch turns off the output. The threshold
comparators are used to detect shorts to the power supply,
shorts to ground and open loads. Each comparator provides
status data to the shift register for diagnostic feedback. An
internal pull-down current, ISK at each output will provide an
indicator for low output voltage if the output is programmed
OFF and the output line is open. Refer to Tables 6 and 7 for
Fault information versus output control and VREF. Note that
VREF is the out-of-saturation threshold for an ON state. When
the output is switched off and VREF is low, an open-load or
ground fault is indicated.
CE High to Low Transition
When CE is low the three-state MISO pin is enabled. On the
falling edge of CE, diagnostic and status data from the output
voltage comparators will be latched into the shift register.
During the time that CE is low, data bytes controlling the output
drivers are shifted in at the MOSI pin most significant bit (MSB)
first. Tables 1, 2 and 3 define the logic state for control of each
output and Table 4 defines the control bit structure.
CE Low to High Transition
When the last serial data bit has been shifted into the MOSI pin,
CE pin is pulled high to transfer data from the shift register into
the 8-bit parallel output latch to activate the outputs. The serial
clock input pin (SCK) should be low during CE transitions to
avoid false clocking of the shift register. The SCK input is gated
by CE so that the SCK input is ignored when CE is high.
PORT
MOSI
MISO
SCK
RESET
CE
MOSI
MISO
SCK
RESET
CDP68HC05C4
MICROCOMPUTER
HIP0045
FIGURE 3. TYPICAL MICROCOMPUTER INTERFACE WITH
THE HIP0045



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com