Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4083 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP4083
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4083 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP4083 Datasheet HTML 1Page - Renesas Technology Corp HIP4083 Datasheet HTML 2Page - Renesas Technology Corp HIP4083 Datasheet HTML 3Page - Renesas Technology Corp HIP4083 Datasheet HTML 4Page - Renesas Technology Corp HIP4083 Datasheet HTML 5Page - Renesas Technology Corp HIP4083 Datasheet HTML 6Page - Renesas Technology Corp HIP4083 Datasheet HTML 7Page - Renesas Technology Corp HIP4083 Datasheet HTML 8Page - Renesas Technology Corp HIP4083 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN4223 Rev.3.00
Page 1 of 10
October 2, 2015
FN4223
Rev.3.00
October 2, 2015
HIP4083
80V, 300mA Three Phase High Side Driver
DATASHEET
The HIP4083 is a three phase high side N-channel MOSFET
driver, specifically targeted for PWM motor control. Two
HIP4083 may be used together for 3 phase full bridge
applications (see application block diagram). Alternatively,
the lower gates may be controlled directly from a buffered
microprocessor output.
Unlike other members of the HIP408x family, the HIP4083
has no built in turn-on delay. Each output (AHO, BHO, and
CHO) will turn-on 65ns after its input is switched low.
Likewise, each output will turn-off 60ns after its input is
switched high. Very short and very long dead times are
possible when two HIP4083 are used to drive a full bridge.
This dead time is controlled by the input signal timing.
The HIP4083 does not have a built in charge pump.
Therefore, the bootstrap capacitors must be recharged on a
periodic basis by initiating a short refresh pulse. In most
bridge applications, this will happen automatically every time
the lower FETs turn-on and the upper FETs turn-off.
However, it is still possible to use the HIP4083 in
applications that require the high side FETs to be on for
extended periods of time. This can be easily accomplished
by sending a short refresh pulse to the DIS pin.
The HIP4083 has reduced drive current compared to the
HIP4086 making it ideal for low to moderate power
applications. The HIP4083 is optimized for applications
where size and cost are important. For high power
applications driving large power FETs, the HIP4086 is
recommended.
Pinout
HIP4083
(PDIP, SOIC)
TOP VIEW
Features
• Independently Drives Three High Side N-Channel
MOSFETs in Three Phase Bridge Configuration
• Bootstrap Supply Max Voltage to 95VDC
• Bias Supply Operation from 7V to 15V
• Drives 1000pF Load with Typical Rise Times of 35ns and
Fall Times of 30ns
• CMOS/TTL Compatible Inputs
• Programmable Undervoltage Protection
• Pb-free Available
Applications
• Brushless Motors
• High Side Switches
• AC Motor Drives
• Switched Reluctance Motor Drives
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
AHI
BHI
CHI
DIS
AHO
VSS
BHB
CHS
CHO
UVLO
VDD
AHS
AHB
BHO
CHB
BHS
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP4083ABZ (Note)
(No longer
available,
recommended
replacement:
HIP4083ABZ)
-40 to 105
16 Ld SOIC (Pb-free) M16.15
HIP4083APZ (Note)
-40 to 105
16 Ld PDIP (Pb-free) E16.3
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.


Similar Part No. - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4083 INTERSIL-HIP4083 Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4083AB INTERSIL-HIP4083AB Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4083AB INTERSIL-HIP4083AB Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
More results

Similar Description - HIP4083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4083 INTERSIL-HIP4083 Datasheet
70Kb / 10P
80V, 300mA Three Phase High Side Driver
1996 07
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
80V, 0.50A Four Phase Driver
February 1998
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
HIP4083 INTERSIL-HIP4083_04 Datasheet
294Kb / 10P
80V, 300mA Three Phase High Side Driver
July 2004
logo
Mitsubishi Electric Sem...
M81712FP MITSUBISHI-M81712FP Datasheet
84Kb / 7P
HIGH VOLTAGE THREE PHASE BRIDGE DRIVER
logo
Intersil Corporation
HIP4086ABZT INTERSIL-HIP4086ABZT Datasheet
475Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
February 1, 2013
HIP4083ABZ INTERSIL-HIP4083ABZ Datasheet
273Kb / 10P
80V, 300mA Three Phase High Side Driver
October 2, 2015
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
High Voltage Three Phase Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com