Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6014 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP6014
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6014 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP6014 Datasheet HTML 2Page - Renesas Technology Corp HIP6014 Datasheet HTML 3Page - Renesas Technology Corp HIP6014 Datasheet HTML 4Page - Renesas Technology Corp HIP6014 Datasheet HTML 5Page - Renesas Technology Corp HIP6014 Datasheet HTML 6Page - Renesas Technology Corp HIP6014 Datasheet HTML 7Page - Renesas Technology Corp HIP6014 Datasheet HTML 8Page - Renesas Technology Corp HIP6014 Datasheet HTML 9Page - Renesas Technology Corp HIP6014 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HIP6014
FN4420 Rev.2.00
Page 6 of 12
March 2000
CSS charging interval and causes an over-current trip. The
converter dissipates very little power with this method. The
measured input power for the conditions of Figure 4 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200A
typical). The OC trip point varies mainly due to the MOSFET’s
rDS(ON) variations. To avoid over-current tripping in the normal
operating load range, find the ROCSET resistor from the
equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for
,
where
I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Output Voltage Program
The output voltage of a HIP6014 converter is programmed to
discrete levels between 1.8VDC and 3.5VDC. The voltage
identification (VID) pins program an internal voltage reference
(DACOUT) with a TTL-compatible 5-bit digital-to-analog
converter (DAC). The level of DACOUT also sets the PGOOD
and OVP thresholds. Table 1 specifies the DACOUT voltage
for the 32 different combinations of connections on the VID
pins. The output voltage should not be adjusted while the
converter is delivering power. Remove input power before
0A
0V
TIME (20ms/DIV.)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
IPEAK
IOCSET ROCSET
rDS ON

---------------------------------------------------
=
IPEAK IOUT MAX

I
 2
+
TABLE 1. OUTPUT VOLTAGE PROGRAM
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
PIN NAME
NOMINAL OUTPUT
VOLTAGE DACOUT
VID4
VID3
VID2
VID1
VID0
VID4
VID3
VID2
VID1
VID0
01
111
0
1
111
1
0
01
110
0
1
111
0
2.1
01
101
0
1
110
1
2.2
01
100
0
1
110
0
2.3
01
011
0
1
101
1
2.4
01
010
0
1
101
0
2.5
01
001
0
1
100
1
2.6
01
000
0
1
100
0
2.7
00
111
0
1
011
1
2.8
00
110
0
1
011
0
2.9
00
101
1.80
1
010
1
3.0
00
100
1.85
1
010
0
3.1
00
011
1.90
1
001
1
3.2
00
010
1.95
1
001
0
3.3
00
001
2.00
1
000
1
3.4
00
000
2.05
1
000
0
3.5
NOTE: 0 = connected to GND or VSS, 1 = connected to VDD through pull-up resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com