Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2211EVAL2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP2211EVAL2Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP2211EVAL2Z Datasheet HTML 4Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 5Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 6Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp HIP2211EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HIP2210, HIP2211
2. Specifications
FN9347 Rev.1.01
Page 8 of 27
Jun.23.20
HI and LI Inputs (HIP2211)
Low Level Threshold
VIL
1.29
1.4
1.47
V
High Level Threshold
VIH
1.84
2.1
2.35
V
Input Threshold Hysteresis
VHYS
-0.7
-
V
Input Pull-Down Resistance
RIN
HI = LI = VDD; Resistance to VSS
-
95
-
kΩ
Minimum Input Pulse Width for
Response at Output
TMIN
No load on HO and LO; Output drives
to rail
-10
-
ns
Tri-Level PWM Input (HIP2210)
Middle to High Level Threshold
VPWMHR
VREF = 2.7V and 5.5V
63.6
66
69.7
% VREF
High to Middle Level Threshold
VPWMHF
VREF = 2.7V and 5.5V
53.7
56
59.6
% VREF
High/Middle Level Hysteresis
VREF = 2.7V and 5.5V
-
10
-
% VREF
Low to Middle Level Threshold
VPWMLR
VREF = 2.7V and 5.5V
30.3
33
36.3
% VREF
Middle to Low Level Threshold
VPWMLF
VREF = 2.7V and 5.5V
19.5
23
26.3
% VREF
Low/Middle Level Hysteresis
VREF = 2.7V and 5.5V
-
10
-
% VREF
PWM Open Circuit Voltage
VFLOAT
PWM pin floating; VREF = 2.7V and
5.5V
48
50
52
% VREF
Logic High Input Current
IPWMH
PWM = 3V; VREF = 3V; Sourcing
-
16
-
µA
Logic Low Input Current
IPWML
PWM = 0V; VREF = 3V; Sinking
-
16
-
µA
PWM Pull-Up Resistance
RUP
To VREF
-180
-
kΩ
PWM Pull-Down Resistance
RDOWN
To VSS
-
180
-
kΩ
Minimum Input Pulse Width for
Response at Output
TMIN
No load on HO and LO; Output drives
to rail
-20
-
ns
VREF Input (HIP2210)
VREF Enabled Rising Threshold
VVREF_R
PWM = 0; EN = 1; RDT = 1kΩ
-2.55
2.7
V
VREF Disabled Hysteresis
VVREF_H
PWM = 0; EN = 1; RDT = 1kΩ
-0.18-
V
VREF Enable Delay
tVREF_R
PWM = 0; EN = 1; RDT = 1kΩ
-175
-
ns
VREF Disabled Delay
tVREF_F
PWM = 0; EN = 1; RDT = 1kΩ
-110
-
ns
VREF Pull-Down Resistance to
VSS
RVREF
VREF = 3V; PWM = Float
-
90
-
kΩ
EN Input (HIP2210)
Low-Level Threshold
VENL
1.26
1.38
1.47
V
High-Level Threshold
VENH
1.84
2.1
2.31
V
Input Threshold Hysteresis
VHYS
-0.72-
V
Input Pull-Down Resistance
REN
VEN = VDD; To VSS
-
90
-
kΩ
EN High Propagation Delay
tENH
RDT = 1kΩ; PWM = 0
450
800
1100
ns
EN Low Propagation Delay
tENL
RDT = 1kΩ; PWM = 0
-
115
150
ns
Undervoltage Protection
VDD Rising UVLO Threshold
VDDR
5.3
5.6
5.9
V
VDD Falling UVLO Threshold
VDDF
4.75
5.1
5.35
V
VDD Threshold Hysteresis
VDDH
-
0.5
-
V
VDD = HB = EN = 12V; VSS = HS = 0V; HI = LI = 0; VREF = 5V; PWM = 2.5V. No load on LO or HO, unless otherwise specified. Boldface
limits apply across the operating temperature range, -40°C to +125°C. (Continued)
Parameters
Symbol
Test Conditions
Min
(Note 11)Typ
Max
(Note 11)Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com