Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2211EVAL3Z Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HIP2211EVAL3Z
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2211EVAL3Z Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HIP2211EVAL3Z Datasheet HTML 20Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 21Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 22Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 23Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 24Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 25Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 26Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 27Page - Renesas Technology Corp HIP2211EVAL3Z Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
HIP2210, HIP2211
7. Revision History
FN9347 Rev.1.01
Page 24 of 27
Jun.23.20
7.
Revision History
Rev.
Date
Description
1.02
Jun.23.20
Updated Robust noise tolerance Features bullet.
Added Evaluation Boards to the Ordering Information table.
Updated the Voltage on HS minimum specification from -1V to The greater of [-10 or -(20 - VDD)] in the Absolute
Maximum Ratings and Recommended Operating Conditions sections.
Removed the Transient Voltage on HS (Repetitive Transient for 100ns) specification from Absolute Maximum
Ratings section.
Removed the Transient Voltage on HS (Repetitive Transient for 10ns specification from Recommended Operating
Conditions section.
1.01
Mar.16.20
Added 8 Ld DFN information throughout.
1.00
Feb.19.20
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com