Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6500BCB Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HIP6500BCB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500BCB Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HIP6500BCB Datasheet HTML 22Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 23Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 24Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 25Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 26Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 27Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 28Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 29Page - Renesas Technology Corp HIP6500BCB Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
HIP6500B
FN4870 Rev 0.00
Page 13 of 15
May 2000
Select a package and heatsink that maintains the junction
temperature below the rating with the maximum expected
ambient temperature.
Q1
The active element on the 2.5V/3.3VMEM output has
different requirements for each of the two voltage settings. In
2.5V systems utilizing RDRAM (or voltage-compatible)
memory, Q1 has to be a bipolar NPN capable of conducting
up to 7.5A and exhibit a current gain (hfe) of minimum 40 at
this current and 0.7V VCE; in such systems the 2.5V output
is actively regulated while in active state. In 3.3V systems
(SDRAM or compatible) Q1 has to be an N-Channel
MOSFET; in such systems the MOSFET is switched on
during active state (S0, S1). The main criteria for the
selection of this transistor is output voltage budgeting. The
maximum rDS(ON) allowed at highest junction temperature
can be expressed with the following equation:
, where
VINmin - minimum input voltage
VOUTmin - minimum output voltage allowed
IOUTmax - maximum output current
The gate bias available for this MOSFET is of the order of 8V.
Q5
If a P-Channel MOSFET is used to switch the 5VSB output
of the ATX supply into the 5VDUAL output during S3 and S5
states (as dictated by EN5VDL status), then, similar to the
situation where Q1 is a MOSFET, the selection criteria of
this device is also proper voltage budgeting. The maximum
rDS(ON), however, has to be achieved with only 4.5V of
VGS, so a logic level MOSFET needs to be selected. If a
PNP device is chosen to perform this function, it has to have
a low saturation voltage while providing the maximum sleep
current and have a current gain sufficiently high to be
saturated using the minimum drive current (typically 20mA).
Q3, Q4
The two N-Channel MOSFETs are used to switch the 3.3V
and 5V inputs provided by the ATX supply into the
3.3VDUAL and 5VDUAL outputs, respectively, while in
active (S0, S1) state. Similar rDS(ON) criteria apply in these
cases as well. Unlike the PMOS, however, these NMOS
transistors get the benefit of an increased VGS drive
(approximately 8V and 7V, respectively).
Q2
The NPN transistor used as sleep state pass element (Q2)
on the 3.3VDUAL output has to have a minimum current gain
of 100 at 1.5V VCE and 500mA ICE throughout the in-circuit
operating temperature range.
rDS ON
max
VINmin VOUTmin
–
IOUTmax
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com