Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1526 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS1526
Description  Integrated Device Technology, Inc.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1526 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS1526 Datasheet HTML 3Page - Renesas Technology Corp ICS1526 Datasheet HTML 4Page - Renesas Technology Corp ICS1526 Datasheet HTML 5Page - Renesas Technology Corp ICS1526 Datasheet HTML 6Page - Renesas Technology Corp ICS1526 Datasheet HTML 7Page - Renesas Technology Corp ICS1526 Datasheet HTML 8Page - Renesas Technology Corp ICS1526 Datasheet HTML 9Page - Renesas Technology Corp ICS1526 Datasheet HTML 10Page - Renesas Technology Corp ICS1526 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MDS1526 P
11
Revision 051310
Integrated Device Technology, Inc. www.idt. com Tech Support: www.idt.com/go/clockhelp
(IDT™/ICS™)
Section 6 Package Outline and Package Dimensions
ICS1526 Data Sheet
Section 6 Package Outline and Package Dimensions
16-pin TSSOP 4.40 mm body, 0.65 mm pitch
Package dimensions are kept current with JEDEC Publication No. 95
Section 7 Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any
circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
1526GLF
1526GLF
Tubes
16-pin TSSOP
0 to +70
° C
1526GLFTR
1526GLF
Tape & Reel
16-pin TSSOP
0 to +70
° C
1526GILF
1526GILF
Tubes
16-pin TSSOP
-40 to +85
° C
1526GILFTR
1526GILF
Tape & Reel
16-pin TSSOP
-40 to +85
° C
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
4.90
5.1
0.193
0.201
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com