Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843011C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS843011C
Description  FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843011C Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS843011C Datasheet HTML 6Page - Renesas Technology Corp ICS843011C Datasheet HTML 7Page - Renesas Technology Corp ICS843011C Datasheet HTML 8Page - Renesas Technology Corp ICS843011C Datasheet HTML 9Page - Renesas Technology Corp ICS843011C Datasheet HTML 10Page - Renesas Technology Corp ICS843011C Datasheet HTML 11Page - Renesas Technology Corp ICS843011C Datasheet HTML 12Page - Renesas Technology Corp ICS843011C Datasheet HTML 13Page - Renesas Technology Corp ICS843011C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ICS843011CG REVISION A MARCH 12, 2014
10
ICS843011C Data Sheet
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS843011C is: 2436
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD TSSOP
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
101.7°C/W
90.5°C/W
89.8°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com