Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843034 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS843034
Description  FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843034 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS843034 Datasheet HTML 6Page - Renesas Technology Corp ICS843034 Datasheet HTML 7Page - Renesas Technology Corp ICS843034 Datasheet HTML 8Page - Renesas Technology Corp ICS843034 Datasheet HTML 9Page - Renesas Technology Corp ICS843034 Datasheet HTML 10Page - Renesas Technology Corp ICS843034 Datasheet HTML 11Page - Renesas Technology Corp ICS843034 Datasheet HTML 12Page - Renesas Technology Corp ICS843034 Datasheet HTML 13Page - Renesas Technology Corp ICS843034 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
© Integrated Device Technology, Inc
December 2, 2015
843034 DATA SHEET
Table 4E. LVPECL DC Characteristics, VCC = 3.3V±5%, VCCO_A = VCCO_B = 2.5V±5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
CCO_A, _B – 2V.
Table 5. Input Frequency Characteristics,
VCC = 3.3V±5%, VCCO_A = VCCO_B = 3.3V±5% or 2.5V±5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: For the input crystal and CLK/, nCLK and TEST_CLK frequency range, the M value must be set for the VCO to operate within the
560MHz to 625MHz range. Using the minimum input frequency of 12MHz, valid values of M are 47
 M  52. Using the maximum input
frequency of 40MHz, valid values of M are 14
 M  15. For N = 1, M divider value must result in a VCO frequency  625MHz.
Table 6. Crystal Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCCO – 1.4
VCCO – 0.9
V
VOL
Output Low Voltage NOTE 1
VCCO – 2.0
VCCO – 1.6
V
VSWING
Peak-to-Peak Output Voltage Swing
0.4
1.1
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fIN
Input
Frequency
XTAL_IN0, XTAL_OUT0
XTAL_IN1, XTAL_OUT1;
12
40
MHz
CLK, nCLK, TEST_CLK
12
40
MHz
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
12
40
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Load Capacitance (CL)
12
18
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com