Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843156 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS843156
Description  Crystal-to-LVPECL Clock Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843156 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS843156 Datasheet HTML 1Page - Renesas Technology Corp ICS843156 Datasheet HTML 2Page - Renesas Technology Corp ICS843156 Datasheet HTML 3Page - Renesas Technology Corp ICS843156 Datasheet HTML 4Page - Renesas Technology Corp ICS843156 Datasheet HTML 5Page - Renesas Technology Corp ICS843156 Datasheet HTML 6Page - Renesas Technology Corp ICS843156 Datasheet HTML 7Page - Renesas Technology Corp ICS843156 Datasheet HTML 8Page - Renesas Technology Corp ICS843156 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ICS843156AK REVISION B May 26, 2016
2
©2016 Integrated Device Technology, Inc.
ICS843156 Data Sheet
CRYSTAL-TO-LVPECL CLOCK SYNTHESIZER
Table 1. Pin Descriptions
NOTE: Pulldown refers to an internal input resistor. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. Bypass Function Table
Number
Name
Type
Description
1,
2
XTAL_IN
XTAL_OUT
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
3, 32
VCC
Power
Core supply pins.
4, 5
nQC1, QC1
Output
Differential output pair. LVPECL interface levels.
6, 7
nQC0, QC0
Output
Differential output pair. LVPECL interface levels.
8, 16, 25
VCCO
Power
Output supply pins.
9, 10
nQB1, QB1
Output
Differential output pair. LVPECL interface levels.
11, 12
nQB0, QB0
Output
Differential output pair. LVPECL interface levels.
13, 30
VEE
Power
Negative supply pins.
14, 15
nQA5, QA5
Output
Differential output pair. LVPECL interface levels.
17, 18
nQA4, QA4
Output
Differential output pair. LVPECL interface levels.
19, 20
nQA3, QA3
Output
Differential output pair. LVPECL interface levels.
21, 22
nQA2, QA2
Output
Differential output pair. LVPECL interface levels.
23, 24
nQA1, QA1
Output
Differential output pair. LVPECL interface levels.
26, 27
nQA0, QA0
Output
Differential output pair. LVPECL interface levels.
28
VCCA
Power
Analog supply pin.
29
BYPASS
Input
Pulldown
A HIGH on BYPASS signal allows TEST_CLK to propagate to output
dividers and bypass the PLL. a LOW on BYPASS signal allows VCO
frequency to propagate to the output dividers. See Table 3.
LVCMOS/LVTTL interface levels.
31
TEST_CLK
Input
Pulldown
Single-ended input test clock. LVCMOS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
Input
Device Configuration
BYPASS
0PLL Mode
1
Bypass the PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com