Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S024 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS853S024
Description  Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS853S024 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS853S024 Datasheet HTML 7Page - Renesas Technology Corp ICS853S024 Datasheet HTML 8Page - Renesas Technology Corp ICS853S024 Datasheet HTML 9Page - Renesas Technology Corp ICS853S024 Datasheet HTML 10Page - Renesas Technology Corp ICS853S024 Datasheet HTML 11Page - Renesas Technology Corp ICS853S024 Datasheet HTML 12Page - Renesas Technology Corp ICS853S024 Datasheet HTML 13Page - Renesas Technology Corp ICS853S024 Datasheet HTML 14Page - Renesas Technology Corp ICS853S024 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ICS853S024AY REVISION A JULY 20, 2011
11
©2011 Integrated Device Technology, Inc.
ICS853S024 Data Sheet
LOW SKEW, 1-TO-24, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL FANOUT BUFFER
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
Ω
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figures 4A and 4B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 4A. 3.3V LVPECL Output Termination
Figure 4B. 3.3V LVPECL Output Termination
3.3V
V
CC - 2V
R1
50
Ω
R2
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
+
_
RTT =
* Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
LVPECL
Input
R1
84
Ω
R2
84
Ω
3.3V
R3
125
Ω
R4
125
Ω
Z
o = 50Ω
Z
o = 50Ω
LVPECL
Input
3.3V
3.3V
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com