Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 2 Page - NXP Semiconductors

  HCS12 Datasheet HTML 1Page - NXP Semiconductors HCS12 Datasheet HTML 2Page - NXP Semiconductors HCS12 Datasheet HTML 3Page - NXP Semiconductors HCS12 Datasheet HTML 4Page - NXP Semiconductors HCS12 Datasheet HTML 5Page - NXP Semiconductors HCS12 Datasheet HTML 6Page - NXP Semiconductors HCS12 Datasheet HTML 7Page - NXP Semiconductors HCS12 Datasheet HTML 8Page - NXP Semiconductors HCS12 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
2
Freescale Semiconductor
Revision History
Version
Number
Revision
Date
Author
Description of Changes
01.00
16 JUL 02
Original Version.
01.01
22 NOV 02
Change load cap value on VDD and VDDPLL.
Correct expanded bus timing from 20MHz to 25 MHz.
01.02
15 JAN 03
Move ATD interrupt vector from $ffd0 to $ffd2.
Change PWeh and tDSW parameter in external bus timing.
01.03
13 JUN 03
Expand to a K-Family SoC Guide and include 9S12KT256.
01.04
18 JUN 03
Replace 16-channel ATD with two 8-channel ATDs for 9S12KT256.
01.05
14 NOV 03
Changed to a Device User Guide and added Document number.
Updated Table A-17 Oscillator Characteristics.
Replaced XCLKS with PE7 for Clock Selection diagrams.
Added CTRL to Table 2-1 Signal Properties.
Replaced Burst programming with Row Programming in NVM
electricals.
Changed Digital logic to Internal Logic.
Added LRAE bootloader information.
Changed PWEL, PWEH, tDSW, tACCE, tNAD, tNAV, tRWV, tLSV, tNOV,
tP0V and tP1V in the external bus timing.
Added voltage regulator characteristics.
01.06
10 FEB 04
Updated Table A-7 3.3V I/O Characteristics.
01.07
13 MAY 04
Updated Table A-16 NVM Timing Characteristics.
Corrected A.6.1.2 Row Programming time tbwpgm equation
01.08
20 JUL 04
Expanded K-family to include 9S12KC128, 9S12KC64, 9S12KL128
and 9S12KL64.
01.09
9 SEP 04
Updated osciilator start up time and supply current characteristics.
Added ATDCTL0 and ATDCTL1 register bits to Sec 1.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com