Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISF2P1 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISF2P1
Description  Intelligent Sensing Framework Version 2.1 for Kinetis Release Notes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISF2P1 Datasheet(HTML) 2 Page - NXP Semiconductors

  ISF2P1 Datasheet HTML 1Page - NXP Semiconductors ISF2P1 Datasheet HTML 2Page - NXP Semiconductors ISF2P1 Datasheet HTML 3Page - NXP Semiconductors ISF2P1 Datasheet HTML 4Page - NXP Semiconductors ISF2P1 Datasheet HTML 5Page - NXP Semiconductors ISF2P1 Datasheet HTML 6Page - NXP Semiconductors ISF2P1 Datasheet HTML 7Page - NXP Semiconductors ISF2P1 Datasheet HTML 8Page - NXP Semiconductors ISF2P1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Introduction
2
ISF2P1_KINETIS_RELEASE_RN, 1.0, 11/2015
Freescale Semiconductor, Inc.
1 Introduction
This document describes the Freescale Intelligent Sensing Framework version 2.1 (ISF v2.1)
middleware, released for Kinetis E Series platforms. ISF v2.1 consists of Processor Expert components
that take advantage of Processor Expert’s capability to configure the Kinetis E series processors
supported by logical device drivers in Processor Expert.
2 Requirements
ISF v2.1 middleware for Kinetis has several requirements for tools, development systems and
deployment targets.
2.1 Development tools
The ISF v2.1 release was compiled and tested with the following development tools with built-in support
for Kinetis using Freescale’s Processor Expert technology:
Kinetis Development Studio (KDS) Version 3.0
2.2 System requirements
The ISF implementation for the Kinetis platforms accommodates a wide variety of host system
configurations.
Table 1. System requirements for ISF v2.1
Parameter
Minimum PC configuration
Recommended PC
configuration
Operating system
Windows 7
Communications to target hardware
USB port
Processor speed (GHz)
1.8
2.6
RAM (GB)
2
4
Free disk space (GB)
20
400
2.3 Generic support of Kinetis and sensors
The ISF v2.1 executes on a Kinetis E Series MCU and supports sensor types with analog output.
2.3.1 Tested implementations
The ISF v2.1 release supports the Freescale Freedom Development platforms for Kinetis E Series
MCUs, in particular, the FRDM-KE06. There are existing and future sensor shield boards that can be
used in conjunction with the Freescale Freedom boards including:
•
FRDMKE06DP5004, a Freescale Freedom demonstration kit containing the Freescale differential
pressure sensor (MPXV5004DP) development board (FRDMSTBCDP5004) kitted with a modified
FRDM-KE06Z to accommodate the 5 V capability of the sensor.
•
FRDMSTBCxxxx, future development boards containing various Freescale sensors supporting a
variety of applications.
•
The Freescale Sensor MPXV5004DP is supported in this release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com