Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTMS8301FTB/AF Datasheet(PDF) 25 Page - NXP Semiconductors

Part # HTMS8301FTB/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8301FTB/AF Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button HTMS8301FTB/AF Datasheet HTML 21Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 22Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 23Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 24Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 25Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 26Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 27Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 28Page - NXP Semiconductors HTMS8301FTB/AF Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
25 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
14.6 READ MULTIPLE BLOCK
Upon reception of this command without error, the transponder reads the requested
block(s) and sends back their value in the response. The blocks are numbered from 0 to
255.
The number of blocks in the request is one less than the number of blocks that the
transponder returns in its response i.e. a value of '6' in the ’Number of blocks’ field
requests to read 7 blocks. A value '0' requests to read a single block.
Error Flag set to ’0’ indicates no error.
Table 19.
READ MULTIPLE BLOCKS - request format (12h)
Flags
Command Data 1
Data 2
Data 3
CRC-16
Description
5
6
(48)
8
8
(16)
No. of bits
00(1)00
010010
-
First block
number
Number of
blocks
without UII
in READY
state
10(1)00
010010
UII
First block
number
Number of
blocks
with UII
01(1)00
010010
-
First block
number
Number of
blocks
without UII
in
SELECTED
state
Table 20.
Response to a successful READ MULTIPLE BLOCKS request
Error Flag
Data
CRC-16
Description
1
32 x Number of blocks
(16)
No. of bits
0
User memory block data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com