Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTMS1301FTK/AF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HTMS1301FTK/AF
Description  ISO 18000 transponder IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1301FTK/AF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HTMS1301FTK/AF Datasheet HTML 5Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 6Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 7Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 8Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 9Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 10Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 11Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 12Page - NXP Semiconductors HTMS1301FTK/AF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
184430
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.0 — 18 March 2010
184430
9 of 44
NXP Semiconductors
HITAG µ
ISO 18000 transponder IC
10. HITAG
μ ISO 18000 transponder IC air interface
10.1 Downlink communication signal interface - RWD to HITAG
μ
ISO 18000 transponder IC
10.1.1 Modulation parameters
Communications between RWD and HITAG µ ISO 18000 transponder IC takes place
using ASK modulation with a modulation index of m > 90%.
[1]
TFd0 > TF1 + TF3 + 3 × Tc
[2]
TC...Carrier period time (1/125kHz = 8 μs nominal)
Fig 3.
Modulation details of data transmission from RWD to HITAG µ transponder IC
Table 5.
Modulation coding times[1][2]
Symbol
Min
Max
m = (a-b)/(a+b)
90%
100%
TF1
4
× Tc
10
× Tc
TF2
00.5
× TF1
TF3
00.5
× TFd0
x0
0.05
× a
y0
0.05
× a
001aaj826
TF2
TF1
TF3
b
x
a
envelope of transceiver field
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com