Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP80C32 Datasheet(PDF) 18 Page - Intel Corporation

Part # TP80C32
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TP80C32 Datasheet(HTML) 18 Page - Intel Corporation

Back Button TP80C32 Datasheet HTML 14Page - Intel Corporation TP80C32 Datasheet HTML 15Page - Intel Corporation TP80C32 Datasheet HTML 16Page - Intel Corporation TP80C32 Datasheet HTML 17Page - Intel Corporation TP80C32 Datasheet HTML 18Page - Intel Corporation TP80C32 Datasheet HTML 19Page - Intel Corporation TP80C32 Datasheet HTML 20Page - Intel Corporation TP80C32 Datasheet HTML 21Page - Intel Corporation TP80C32 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
8XC525458
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency
MHz
8XC5X
35
12
MHz
8XC5X-1
35
16
MHz
8XC5X-2
05
12
MHz
8XC5X-24
35
24
MHz
8XC5X-33
35
33
MHz
TCHCX
High Time
20
ns
8XC5X-2433
035 TOSC
065 TOSC
ns
TCLCX
Low Time
20
ns
8XC5X-2433
035 TOSC
065 TOSC
ns
TCLCH
Rise Time
20
ns
8XC5X-24
10
ns
8XC5X-33
5
ns
TCHCL
Fall Time
20
ns
8XC5X-24
10
ns
8XC5X-33
5
ns
EXTERNAL CLOCK DRIVE WAVEFORM
272336 – 16
AC TESTING INPUT OUTPUT WAVEFORMS
272336 – 19
AC Inputs during testing are driven at VCCb05V for a Logic ‘‘1’’
and 045V for a Logic ‘‘0’’ Timing measurements are made at VIH
min for a Logic ‘‘1’’ and VIL max for a Logic ‘‘0’’
FLOAT WAVEFORMS
272336 – 20
For timing purposes a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loaded VOH VOL level occurs
IOL IOH e g20 mA
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com