Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP80C32 Datasheet(PDF) 10 Page - Intel Corporation

Part # LP80C32
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LP80C32 Datasheet(HTML) 10 Page - Intel Corporation

Back Button LP80C32 Datasheet HTML 6Page - Intel Corporation LP80C32 Datasheet HTML 7Page - Intel Corporation LP80C32 Datasheet HTML 8Page - Intel Corporation LP80C32 Datasheet HTML 9Page - Intel Corporation LP80C32 Datasheet HTML 10Page - Intel Corporation LP80C32 Datasheet HTML 11Page - Intel Corporation LP80C32 Datasheet HTML 12Page - Intel Corporation LP80C32 Datasheet HTML 13Page - Intel Corporation LP80C32 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
8XC525458
272336 – 7
NOTE
ICC Max at 33 MHz is at 5V g10% VCC while
ICC Max at 24 MHz and below is at 5V g20% VCC
Figure 5 8XC525458 ICC vs Frequency
272336 – 8
All other pins disconnected
TCLCH e TCHCL e 5ns
Figure 6 ICC Test Condition Active Mode
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com