Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS874208I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS874208I
Description  2.5V Differential LVDS Clock Divider and Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS874208I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS874208I Datasheet HTML 1Page - Renesas Technology Corp ICS874208I Datasheet HTML 2Page - Renesas Technology Corp ICS874208I Datasheet HTML 3Page - Renesas Technology Corp ICS874208I Datasheet HTML 4Page - Renesas Technology Corp ICS874208I Datasheet HTML 5Page - Renesas Technology Corp ICS874208I Datasheet HTML 6Page - Renesas Technology Corp ICS874208I Datasheet HTML 7Page - Renesas Technology Corp ICS874208I Datasheet HTML 8Page - Renesas Technology Corp ICS874208I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
874208I Data Sheet
LVDS CLOCK DIVIDER AND FANOUT BUFFER
REVISION A 9/18/14
3
©2014 Integrated Device Technology, Inc.
Function Tables
Input Frequency Divider Operation
The FSEL1 and FSEL0 controls configure the input frequency
divider. In the default state (FSEL[1:0] are set to logic 0:0 or left open)
the output frequency is equal to the input frequency (divide-by-1).
The other FSEL[1:0] settings configure the input divider to ÷2, ÷4 or
÷8, respectively.
NOTE: FSEL1, FSEL0 are asynchronous controls
Output Enable Operation
The output enable/disable state of each individual differential output
Qx can be set by the content of the I2C register (see Table 3C). A
logic zero to an I2C bit in register 0 enables the corresponding
differential output, while a logic one disables the differential output
(see Table 3B). After each power cycle, the device resets all I2C bits
(D[7:0]) to its default state (logic 0) and all Qx outputs are enabled.
After the first valid I2C write, the output enable state is controlled by
the I2C register. Setting and changing the output enable state through
the I2C interface is asynchronous to the input reference clock.
I2C Interface Protocol
The ICS874208I uses an I2C slave interface for writing and reading
the device configuration to and from the on-chip configuration
registers. This device uses the standard I2C write format for a write
transaction, and a standard I2C read format for a read transaction.
Figure 1 defines the I2C elements of the standard I2C transaction.
These elements consist of a start bit, data bytes, an acknowledge or
Not-Acknowledge bit and the stop bit. These elements are arranged
to make up the complete I2C transactions as shown in Figure 2 and
Figure 3. Figure 2 is a write transaction while Figure 3 is read
transaction. The 7-bit I2C slave address of the 874208I is a
combination of a 4-bit fixed addresses and two variable bits which are
set by the hardware pins ADR[1:0] (binary 11010, ADR1, ADR0). Bit
0 of slave address is used by the bus controller to select either the
read or write mode. The hardware pins ADR1 and ADR0 should be
individually set by the user to avoid address conflicts of multiple
874208I devices on the same bus.
START (ST) – defined as high-to-low transition on SDA while holding
SCL HIGH.
DATA – between START and STOP cycles, SDA is synchronous with
SCL. Data may change only when SCL is LOW and must be stable
when SCL is HIGH.
ACKNOWLEDGE (AK) – SDA is driven LOW before the SCL rising
edge and held LOW until the SCL falling edge.
STOP (SP) – defined as low-to-high transition on SDA while holding
SCL HIGH
S –
Start or Repeated Start
W –
R/~W is set for Write
R –
R/~W is set for Read
A –Ack
DevAdd –
7 bit Device Address
RegAdd –
8 bit Register Address, MSB = Q7 and LSB = Q0
P –
Stop
Table 3A. FSEL[1:0] Input Selection Function Table
Input
Operation
FSEL1
FSEL0
0 (default)
0 (default)
fQ[7:0] = fREF ÷ 1
01
fQ[7:0] = fREF ÷ 2
10
fQ[7:0] = fREF ÷ 4
11
fQ[7:0] = fREF ÷ 8
Table 3B. Individual Output Enable Control
Bit
Operation
D[7:0]
0 (default)
Output Qx, nQx is enabled.
1
Output Qx, nQx is high-impedance.
Table 3C. Individual output enable control
Bit
D7D6D5D4D3
D2D1D0
Output
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Default
00000
000
Table 3D. I2C Slave Address
76
543
210
1
1
0
1
0
ADR1
ADR0
R/W
Figure 1: Standard I2C Transaction
SW A
A P
DevAdd
Data Byte
SR A
A P
DevAdd
Data Byte
Figure 2: Write Transaction
Figure 3: Read Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com