Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSSSTUB32866B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICSSSTUB32866B
Description  25-Bit Configurable Registered Buffer for DDR2
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32866B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICSSSTUB32866B Datasheet HTML 4Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 5Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 6Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 7Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 8Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUB32866B Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
ICSSSTUB32866B
Advance Information
1165A—3/21/07
2. Device standard (cont'd)
Figure 7 — Parity logic diagram for 1:2 register-A configuration (positive logic); C0=0, C1=1
D
CK
R
G2
RST
J1
CK
H1
CK
Parity
Generator
11
11
D2
A2
PPO
QERR
D2•D3,
D5•D6,
D8•D14
D2•D3,
D5•D6,
D8•D14
LPS0
(internal node)
D2•D3,
D5•D6,
D8-D14
11
PAR_IN
G1
1
0
R
CK
2•Bit
Counter
A3, T3
V REF
0
1
C0
G6
C1
G5
LPS1
(internal node)
CE
D
CK
R
D
CK
R
D
CK
R
D
CK
R
0
1
CE
Q2A•Q3A,
Q5A•Q6A,
Q8A•Q14A
11
Q2B•Q3B,
Q5B•Q6B,
Q8B•Q14B
11
Q
Q
QQ
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com