Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA236AIDDFR Datasheet(PDF) 3 Page - Texas Instruments

Part # INA236AIDDFR
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236AIDDFR Datasheet(HTML) 3 Page - Texas Instruments

  INA236AIDDFR Datasheet HTML 1Page - Texas Instruments INA236AIDDFR Datasheet HTML 2Page - Texas Instruments INA236AIDDFR Datasheet HTML 3Page - Texas Instruments INA236AIDDFR Datasheet HTML 4Page - Texas Instruments INA236AIDDFR Datasheet HTML 5Page - Texas Instruments INA236AIDDFR Datasheet HTML 6Page - Texas Instruments INA236AIDDFR Datasheet HTML 7Page - Texas Instruments INA236AIDDFR Datasheet HTML 8Page - Texas Instruments INA236AIDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
5 Pin Configuration and Functions
1
2
A
B
C
D
Not to scale
ALERT
IN+
A0
IN–
SDA
GND
SCL
VS
Figure 5-1. YBJ Package 8-Bump DSBGA (Top
View)
1
IN+
8
ALERT
2
IN–
7
A0
3
GND
6
SDA
4
VS
5
SCL
Not to scale
Figure 5-2. DDF Package8-Pin SOT-23 (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DDF (SOT-23)
YBJ (DSBGA)
A0
7
B1
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 7-1 lists the pin
settings and corresponding addresses.
ALERT
8
A1
Digital output
Multifunctional alert, open-drain output. This pin alerts to report fault
conditions or can be configured to notify host when a conversion is
complete.
GND
3
C2
Ground
Ground for both analog and digital.
IN–
2
B2
Analog input
Current sensing negative input. For high-side applications, connect to load
side of sense resistor. For low-side applications, connect to ground side of
sense resistor. Bus voltage measurements are made with respect to this
pin.
IN+
1
A2
Analog input
Current sensing positive input. For high-side applications, connect to bus
voltage side of sense resistor. For low-side applications, connect to load
side of sense resistor.
SCL
5
D1
Digital input
Serial bus clock line, open-drain input.
SDA
6
C1
Digital
input/output
Serial bus data line, open-drain input/output
VS
4
D2
Power Supply
Power supply, 1.7 V to 5.5 V
www.ti.com
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com