Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS244 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS244
Description  SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS244 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74HCS244 Datasheet HTML 10Page - Texas Instruments SN74HCS244 Datasheet HTML 11Page - Texas Instruments SN74HCS244 Datasheet HTML 12Page - Texas Instruments SN74HCS244 Datasheet HTML 13Page - Texas Instruments SN74HCS244 Datasheet HTML 14Page - Texas Instruments SN74HCS244 Datasheet HTML 15Page - Texas Instruments SN74HCS244 Datasheet HTML 16Page - Texas Instruments SN74HCS244 Datasheet HTML 17Page - Texas Instruments SN74HCS244 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
9.2.3 Application Curves
Time (ns)
0
15
30
45
60
75
90
100
-2
0
2
3.3
5
0
22
50
-1
1
4
Figure 9-2. Simulated Signal Integrity at the Reciever With Different Damping Resistor (Rd) Values
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
the Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent
power disturbance. A 0.1-μF capacitor is recommended for this device. It is acceptable to parallel multiple
bypass capacitors to reject different frequencies of noise. The 0.1-μF and 1-μF capacitors are commonly used in
parallel. The bypass capacitor should be installed as close to the power terminal as possible for best results, as
shown in the following layout example.
11 Layout
11.1 Layout Guidelines
When using multiple-input and multiple-channel logic devices inputs must not ever be left floating. In many
cases, functions or parts of functions of digital logic devices are unused; for example, when only two inputs of a
triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such unused input pins must not be left
unconnected because the undefined voltages at the outside connections result in undefined operational states.
All unused inputs of digital logic devices must be connected to a logic high or logic low voltage, as defined by the
input voltage specifications, to prevent them from floating. The logic level that must be applied to any particular
unused input depends on the function of the device. Generally, the inputs are tied to GND or VCC, whichever
makes more sense for the logic function or is more convenient.
SN74HCS244
SCLS873B – JULY 2021 – REVISED OCTOBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN74HCS244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com