Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6602CB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP6602CB
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602CB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP6602CB Datasheet HTML 1Page - Renesas Technology Corp HIP6602CB Datasheet HTML 2Page - Renesas Technology Corp HIP6602CB Datasheet HTML 3Page - Renesas Technology Corp HIP6602CB Datasheet HTML 4Page - Renesas Technology Corp HIP6602CB Datasheet HTML 5Page - Renesas Technology Corp HIP6602CB Datasheet HTML 6Page - Renesas Technology Corp HIP6602CB Datasheet HTML 7Page - Renesas Technology Corp HIP6602CB Datasheet HTML 8Page - Renesas Technology Corp HIP6602CB Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HIP6602
FN4838 Rev.1.00
Page 2 of 9
August 2000
Block Diagram
Typical Application - 2 Channel Converter Using a HIP6302 and a HIP6602 Gate Driver
VCC
PWM1
+5V
10K
10K
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT1
UGATE1
PHASE1
LGATE1
PGND
PWM2
10K
10K
SHOOT-
THROUGH
PROTECTION
BOOT2
UGATE2
PHASE2
LGATE2
+5V
GND
PVCC
PVCC
PVCC
PVCC
PGND
PGND
HIP6602
MAIN
CONTROL
HIP6302
FB
+5V
COMP
PWM1
PWM2
ISEN2
VSEN
FS/DIS
ISEN1
GND
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
LGATE1
PWM1
PVCC
+5V/12V
VCC
+12V
DUAL
DRIVER
HIP6602
PGND
VCC
+VCORE
PWM2
PGOOD
VID
+12V
+12V
GND
PHASE1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com