Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6602ACB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP6602ACB
Description  Dual Channel Synchronous Rectified Buck MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602ACB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP6602ACB Datasheet HTML 2Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 3Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 4Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 5Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 6Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 7Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 8Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 9Page - Renesas Technology Corp HIP6602ACB Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HIP6602A
FN4902 Rev 2.00
Page 8 of 10
July 2003
FIGURE 3. 3nF LOADING PROFILE
FIGURE 4. POWER DISSIPATION vs LOADING
FIGURE 5. POWER DISSIPATION vs FREQUENCY, PVCC = 5V
FIGURE 6. POWER DISSIPATION vs FREQUENCY, PVCC = 5V
FIGURE 7. POWER DISSIPATION vs LOADING, PVCC = 5V
Typical Performance Curves (Continued)
1200
800
600
400
200
0
0
500
1000
FREQUENCY (kHz)
1500
PVCC = VCC = 12V
1000
CU = CL = 3nF
CL = 3nF, CU = 0nF
CU = 3nF, CL = 0nF
10kHz
30kHz
100kHz
200kHz
500kHz
12
3
4
5
1200
1000
800
600
400
200
0
GATE CAPACITANCE (CU = CL), (nF)
PVCC = VCC = 12V
PVCC = 5V, VCC = 12V
CU = CL = 4nF
CU = CL = 5nF
CU = CL = 2nF
CU = CL =1nF
800
700
500
600
300
100
0
0
500
1500
2000
FREQUENCY (kHz)
1000
200
400
CU = CL = 3nF
0
500
1000
1500
2000
FREQUENCY (kHz)
350
300
250
200
150
100
50
0
PVCC = 5V, VCC = 12V
CL = 1nF, CU = 0nF
CU = CL = 1nF
CU = 1nF, CL = 0nF
30kHz
100kHz
200kHz
500kHz
1MHz
2MHz
1.5MHz
PVCC = 5V,
VCC = 12V
5
4
3
2
1
600
500
400
300
200
100
0
GATE CAPACITANCE (CU = CL), (nF)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com