Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45240JC-33 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSP45240JC-33
Description  Address Sequencer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP45240JC-33 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSP45240JC-33 Datasheet HTML 1Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 2Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 3Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 4Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 5Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 6Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 7Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 8Page - Renesas Technology Corp HSP45240JC-33 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Functional Description
The Address Sequencer is a 24-bit programmable address
generator. As shown in the Block Diagram, the sequencer
consists of 4 functional blocks: the start circuitry, the
sequence generator, the crosspoint switch, and the proces-
sor interface. The addresses produced by the sequence
generator are input into the crosspoint switch. The cross-
point switch maps 24 bits of address input to a 24-bit output.
This allows for addressing schemes like “bit-reverse”
addressing for FFT’s. A programmable delay block is pro-
vided to allow the MSW of the output to be skewed from the
LSW. This feature may be used to compensate for proces-
sor pipeline delay when the sequence generator is config-
ured as two independent 12-bit sequencers. Address
Sequencer operation is controlled by values loaded into con-
figuration registers associated with the sequence generator,
crosspoint switch, and start circuitry. The configuration regis-
ters are loaded through the processor interface.
Start Circuitry
The Start Circuitry generates the internal START signal
which causes the Sequence Generator to initiate an
addressing sequence. The START signal is produced by
writing the Processor Interface’s “Sequencer Start” address
(see Processor Interface text), by asserting the STARTlN
input, or by the terminal address of a sequence generated
under “One-Shot Mode with Restart” (see Sequence Gener-
ator Section). Care should be taken to assert STARTlN for
only one clock cycle to ensure proper operation. A program-
mable delay from 1 to 31 clocks is provided to delay the initi-
ation of an addressing sequence by delaying the internal
START signal (see Processor Interface text).
The Start Circuitry generates the output signal ADDVAL
which is asserted when the first valid output address is at the
pads.
In
addition,
the
Start
Circuitry
generates
the
“STARTOUT” signal for multichip synchronization. Note:
STARTOUT
is
only
generated
when
an
addressing
sequence is started by writing the “Sequencer Start” address
of the Processor Interface, or an internal START is gener-
ated by reaching the end of an addressing sequence pro-
duced by “One-Shot Mode with Restart”.
Sequence Generator
The Sequence Generator is a block oriented address gener-
ator. This means that the desired address sequence is sub-
divided into one or more address blocks, each containing a
user defined number of addresses. User supplied configura-
tion data determines the number of address blocks and the
characteristics of the address sequence to be generated.
As shown in Figure 1, the Sequence Generator is subdivided
into the address generation and control sections. The
address generation section performs an accumulation based
on the output of MUX1 and MUX2. The control section gov-
erns the operation of the multiplexers, enables loading of the
Block Start Address register, and signals completion of an
address sequence.
An address sequence is started when the control section of
the Sequence Generator receives the internal START signal
from the Start Circuitry. When the START signal is received,
the control section multiplexes the contents of the Start
Address Register and a “0” to the adder. The result of this
summation is the first address in the first block of the
address sequence. This value is stored in the Block Start
Address register by an enable generated from the control
section, and the multiplexers are switched to feed the output
of the Holding and Address Increment registers to the adder.
Address generation will continue with the Address Increment
added to the contents of the Holding Register until the first
address block has been completed.
An address block is completed when the number of
addresses generated since the beginning of the address
block equals the value stored in the Block Size register.
When the last address of the block is generated, BLOCK-
DONE is asserted to signal the end of the address block
(see Application Note 9205). On the following CLK, the mul-
tiplexers are configured to pass the contents of the Block
Start Address and Block Increment registers to the adder
which generates the first address of the next address block.
An enable from the control section allows this value to
update the Block Start Address register, and the multiplexers
are switched to feed the Holding and Address Increment
registers to the adder for generation of the remaining
addresses in the block.
The address sequence is completed when the number of
address blocks generated equals the value loaded into the
Number of Blocks register. When the final address in the last
address block has been generated, DONE and BLOCK-
DONE are asserted to signal the completion of the address
sequence.
The parameters governing address generation are loaded
into five 24-bit configuration registers via the Processor
Interface. These parameters include the Start Address, the
beginning address of the sequence; the Block Size, the
number of addresses in the address block; the Address
Increment, the increment between addresses in a block; the
Number of Blocks, the number of address blocks in a
sequence (minimum 1); the Block Increment, the increment
between starting addresses of each block. The loading and
structure of these registers is detailed in the Processor Inter-
face text.
HSP45240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com