Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1413 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MK1413
Description  MPEG AUDIO CLOCK SOURCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MK1413 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MK1413 Datasheet HTML 1Page - Renesas Technology Corp MK1413 Datasheet HTML 2Page - Renesas Technology Corp MK1413 Datasheet HTML 3Page - Renesas Technology Corp MK1413 Datasheet HTML 4Page - Renesas Technology Corp MK1413 Datasheet HTML 5Page - Renesas Technology Corp MK1413 Datasheet HTML 6Page - Renesas Technology Corp MK1413 Datasheet HTML 7Page - Renesas Technology Corp MK1413 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MK1413
MPEG AUDIO CLOCK SOURCE
CLOCK SYNTHESIZER
IDT™ / ICS™ MPEG AUDIO CLOCK SOURCE
2
MK1413
REV G 051310
Pin Assignment
Audio Clock Output Selection Table
Pin Descriptions
X1
VD D
NC
S0
GN D
S 1
CL K
X2
1
2
3
4
8
7
6
5
8-pin SOIC
S1
S0
Audio Clock (pin 5)
Accuracy (ppm)
0
0
8.192 MHz
-2 ppm
0
1
11.2896 MHz
-24 ppm
1
0
12.288 MHz
-2 ppm
1
1
16.9344 MHz
-24 ppm
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
Input
Crystal connection. Connect this pin to a 14.31818 MHz crystal or clock.
2
VDD
Power
Connect to 3.3 V or 5 V.
3
GND
Power
Connect to ground.
4
NC
—
No connect.
5
CLK
Output
Audio clock output as per table above.
6
S1
Input
Frequency Select 1 input. Determines CLK output as per table above.
7
S0
Input
Frequency Select 0 input. Determines CLK output as per table above.
8
X2
Output
Crystal connection to a 14.31818 MHz crystal or leave unconnected for clock input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com