Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G07 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC3G07
Description  TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC3G07 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC3G07 Datasheet HTML 1Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 2Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 3Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 4Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 5Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 6Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 7Page - Diodes Incorporated 74LVC3G07 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74LVC3G07
Document number: DS44930 Rev. 2 - 2
2 of 8
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
74LVC3G07
Pin Descriptions
Pin Name
Pin NO.
Description
1A
1
Data Input
3Y
2
Data Output
2A
3
Data Input
GND
4
Ground
2Y
5
Data Output
3A
6
Data Input
1Y
7
Data Output
VCC
8
Supply Voltage
Logic Diagram
1A
6
2
3
5
1
7
1Y
2Y
3Y
2A
3A
Function Table
Inputs
Output
A
Y
H
Z
L
L
Absolute Maximum Ratings (Notes 4, 5)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
VO
Voltage Applied to Output in High Impedance or IOFF State
-0.5 to 6.5
V
VO
Voltage Applied to Output in High or Low State
-0.5 to 6.5
V
IIK
Input Clamp Current VI < 0
-50
mA
IOK
Output Clamp Current VO < 0
-50
mA
IO
Continuous Output Current
±50
mA
ICC, IGND
Continuous Current Through VCC or GND
±100
mA
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature
-65 to +150
°C
Notes:
4. Stresses beyond the absolute maximum can result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommended values.
5. Forcing the maximum allowed voltage could cause a condition exceeding the maximum current or conversely forcing the maximum current could
cause a condition exceeding the maximum voltage. The ratings of both current and voltage must be maintained within the controlled range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com