Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3G17 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC3G17
Description  TRIPLE SCHMITT-TRIGGER BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC3G17 Datasheet(HTML) 7 Page - Diodes Incorporated

  74LVC3G17 Datasheet HTML 1Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 2Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 3Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 4Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 5Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 6Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 7Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 8Page - Diodes Incorporated 74LVC3G17 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74LVC3G17
Document number: DS44932 Rev. 1 - 2
7 of 9
www.diodes.com
November 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
74LVC3G17
Ordering Information
Part Number
Package Code
Package
Packing
Qty.
Carrier
74LVC3G17SS8-7
SS8
SSOP-8
3,000
7” Tape and Reel (Note 8)
Note:
8. The taping orientation is located on our website at http://www.diodes.com/package-outlines.html.
Marking Information
SSOP-8
S3G17
(Top View)
Y W X
8
7
6
5
1
2
3
4
Y : Year : 0 to 9
X : Internal Code
a to z : 27 to 52 week; z represents
W : Week : A to Z : 1 to 26 week;
52 and 53 week
Part Number
Package
Identification Code
74LVC3G17SS8-7
SSOP-8
S3G17
7:
7” Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com