Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3712 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH3712
Description  HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3712 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH3712 Datasheet HTML 1Page - Diodes Incorporated AH3712 Datasheet HTML 2Page - Diodes Incorporated AH3712 Datasheet HTML 3Page - Diodes Incorporated AH3712 Datasheet HTML 4Page - Diodes Incorporated AH3712 Datasheet HTML 5Page - Diodes Incorporated AH3712 Datasheet HTML 6Page - Diodes Incorporated AH3712 Datasheet HTML 7Page - Diodes Incorporated AH3712 Datasheet HTML 8Page - Diodes Incorporated AH3712 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AH3712
Document number: DS44464 Rev. 2 - 2
4 of 16
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3712
Electrical Characteristics (Notes 7, 8) (@TA = -40°C to +125°C, VDD = 3V to 27V, C
IN = 0.1µF unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_ON
Output On Voltage
IOUT = 20mA, Output on
—
0.25
0.42
V
IOUT_OFF
Output Leakage Current
VOUT = 27V, Output off
—
<0.1
10
µA
IDD
Supply Current
Output off TA = +25C
—
2.8
3.8
mA
Output off TA = -40°C to +125°C
—
2.8
4.8
mA
IDD_R
Reverse Battery Current
(AH3712/AH3712B)
VDD = -18V, TA = -40°C to +125°C
—
0.001
1.2
mA
RPU
Internal Pull-Up Resistance
(AH3172A only)
TA = -40°C to +125°C
10
14
18
kΩ
tST
Device Start-Up Time
VDD >= 3V, B > BOP + 10Gs or B < BRP -
10Gs (Note 7)
—
13
—
µs
fc
Chopping Frequency
VDD >= 3V (Note 8)
—
500
—
kHz
td
The time delay from magnetic threshold
reached to the start of the output rise or
fall
B > 3*BOPMAX, square wave magnetic field
(Note 8)
—
10
—
µs
tr
Output Rising Time
(external pull-up resistor RL and load
capacitance dependent)
RL = 1kΩ, CL = 20pF
—
0.1
1
µs
tf
Output Falling Time
(Internal switch resistance and load
capacitance dependent)
RL = 1kΩ, CL = 20pF
—
0.3
1
µs
IOCL
Output Current Limit
Output on (Note 9 )
30
—
60
mA
VZ
Zener Clamp Voltage
IDD = 8mA, TA = +25°C, Output off
36
—
—
V
Notes:
7. When power is initially turned on, VDD must be within its correct operating range (3.0V to 27V) to guarantee the output sampling. The output state is
valid after the start-up time of 13µs typical from the operating voltage reaching 3V.
The VCC slew rate must exceed 3V/μs from 0 to 3V. A slower slew
rate through the specific range may affect device performance.
8. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production but
guaranteed by design, process control and characterization
9. The device limits the output current IOUT to current limit of IOCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com