Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3107Z Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3107Z
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3107Z Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3107Z Datasheet HTML 1Page - Diodes Incorporated AP3107Z Datasheet HTML 2Page - Diodes Incorporated AP3107Z Datasheet HTML 3Page - Diodes Incorporated AP3107Z Datasheet HTML 4Page - Diodes Incorporated AP3107Z Datasheet HTML 5Page - Diodes Incorporated AP3107Z Datasheet HTML 6Page - Diodes Incorporated AP3107Z Datasheet HTML 7Page - Diodes Incorporated AP3107Z Datasheet HTML 8Page - Diodes Incorporated AP3107Z Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP3107Z
Document number: DS36677 Rev. 3 - 3
4 of 11
www.diodes.com
March 2015
© Diodes Incorporated
AP3107Z
A Product Line of
Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE AP3125 Series
Absolute Maximum Ratings (Note 4)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Input Voltage to HV
VHV
600
V
GATE Output Current
IGATE
500
mA
Input Voltage to FB, SENSE
VFB, VSENSE
-0.3 to 7
V
Thermal Resistance
(Junction to Ambient)
θ
JA
186
ºC/W
Power dissipation at TA<25ºC
PD
550
mW
Operating Junction Temperature
TJ
-40 to +150
ºC
Storage Temperature
TSTG
+150
ºC
ESD (Human Body Model)
–
3000
V
ESD (Machine Model)
–
300
V
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
10
25
V
Ambient Temperature
TA
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com