Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5001 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP5001
Description  PWM CONTROL 1.5A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5001 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP5001 Datasheet HTML 1Page - Diodes Incorporated AP5001 Datasheet HTML 2Page - Diodes Incorporated AP5001 Datasheet HTML 3Page - Diodes Incorporated AP5001 Datasheet HTML 4Page - Diodes Incorporated AP5001 Datasheet HTML 5Page - Diodes Incorporated AP5001 Datasheet HTML 6Page - Diodes Incorporated AP5001 Datasheet HTML 7Page - Diodes Incorporated AP5001 Datasheet HTML 8Page - Diodes Incorporated AP5001 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP5001
PWM CONTROL 1.5A STEP-DOWN CONVERTER
AP5001 Rev. 1
4 of 9
OCTOBER 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VFB
Feedback Voltage
IOUT = 0.1A
0.784
0.8
0.816
V
IFB
Feedback Bias Current
IOUT = 0.1A
-
0.1
0.5
µA
ISW
Switch Current
--
2.5
-
-
A
ISSS
Current Consumption
During Power Off
VEN = 0V
-
10
-
µA
∆V
OUT
/VOUT
Line Regulation
VIN = 5V~18V, IOUT = 0.2A
-
1
2
%
∆V
OUT
/VOUT
Load Regulation
IOUT = 0.1 to 1.5A
-
1
2
%
fOSC
Oscillation Frequency
Measure waveform at SW pin
700
800
900
KHz
fOSC1
Frequency of Current Limit
or Short Circuit Protect
Measure waveform at SW pin
40
-
-
KHz
VSH
Evaluate oscillation at SW pin
2.0
-
-
VSL
EN Pin Input Voltage
Evaluate oscillation stop at SW pin
-
-
0.8
V
ISH
Ven = 2V
-10
-
10
µA
ISL
EN Pin Input Leakage
Current
Ven = 0.8V
-10
-
10
µA
TSS
Soft-Start Time
--
0.3
2
5
ms
VIN = 5V, VFB = 0V
-
110
150
RDSON Internal MOSFET Rdson
VIN = 12V, VFB = 0V
-
70
100
m
Ω
Thermal shutdown
145
oC
Minimum Duty Cycle
6.5
%
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L (Note 3)
124
oC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L (Note 3)
25
oC/W
Note:
3. Test condition: Device mounted on 2oz copper, minimum recommended pad layout, FR-4 PCB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com