Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9350 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # MPC9350
Description  Low Voltage PLL Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9350 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button MPC9350 Datasheet HTML 5Page - Renesas Technology Corp MPC9350 Datasheet HTML 6Page - Renesas Technology Corp MPC9350 Datasheet HTML 7Page - Renesas Technology Corp MPC9350 Datasheet HTML 8Page - Renesas Technology Corp MPC9350 Datasheet HTML 9Page - Renesas Technology Corp MPC9350 Datasheet HTML 10Page - Renesas Technology Corp MPC9350 Datasheet HTML 11Page - Renesas Technology Corp MPC9350 Datasheet HTML 12Page - Renesas Technology Corp MPC9350 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MPC9350 REVISION 7 March 11, 2016
9
©2012 Integrated Device Technology, Inc.
MPC9350 Data Sheet
Low Voltage PLL Clock Driver
Figure 8. Output-to-Output Skew tSK(O)
Figure 9. Output Duty Cycle (DC)
Figure 10. Transition Time Test Reference
Figure 11. Cycle-to-Cycle Jitter
Figure 12. Period Jitter
The pin-to-pin skew is defined as the worst case difference
in propagation delay between any similar delay path within a
single device.
VCC
VCC 2
GND
VCC
VCC 2
GND
tSK(O)
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage.
VCC
VCC 2
GND
tP
T0
DC = tP/T0 x 100%
The time from the maximum low level voltage to minimum high
level of a clock signal, expressed in ns.
tF
tR
VCC=3.3 V
VCC=2.5 V
2.4
1.8 V
0.55
0.6 V
The variation in cycle time of a signal between adjacent cycles,
over a random sample of adjacent cycle pairs.
TN
TJIT(CC) = |TN–TN+1|
TN+1
The deviation in cycle time of a signal with respect to the ideal
period over a random sample of cycles.
TJIT(PER) = |TN–1/f0|
T0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com