Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9443 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9443
Description  2.5V, 3.3V LVCMOS Clock Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9443 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9443 Datasheet HTML 1Page - Renesas Technology Corp MPC9443 Datasheet HTML 2Page - Renesas Technology Corp MPC9443 Datasheet HTML 3Page - Renesas Technology Corp MPC9443 Datasheet HTML 4Page - Renesas Technology Corp MPC9443 Datasheet HTML 5Page - Renesas Technology Corp MPC9443 Datasheet HTML 6Page - Renesas Technology Corp MPC9443 Datasheet HTML 7Page - Renesas Technology Corp MPC9443 Datasheet HTML 8Page - Renesas Technology Corp MPC9443 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPC9443 REVISION 6 3/14/16
2
©2016 Integrated Device Technology, Inc.
MPC9443 Data Sheet
2.5V, 3.3V LVCMOS CLOCK FANOUT BUFFER
Figure 1. MPC9443 Logic Diagram
Figure 2. 48-Lead Package Pinout (Top View)
(Pullup)
(Pulldown)
(Pullup)
(Pulldown)
(Pulldown)
0
1
CLK
 2
CLK
0
1
(Pulldown)
0
1
(Pulldown)
(Pulldown)
(Pulldown)
(Pulldown)
0
1
0
1
0
1
OE0
(Pulldown)
(Pulldown)
(Pulldown)
5
(Pulldown)
PCLK0
PCLK0
PCLK1
PCLK1
TCLK
FSELA
FSELB
FSELC
FSELD
PCLK_SEL
TCLK_SEL
CLK_STOP
QA0
QA1
QA2
QA3
QA4
QB0
QB1
QB2
QC0
QC1
QC2
QD0
QD1
QD2
QD3
QD4
Bank A
Bank B
Bank C
Bank D
OE1
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
12 34 567 89 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
MPC9443
VCCA
QA4
QA3
QA2
GND
QA1
QA0
VCCA
FSELA
FSELB
FSELC
VCCD
QD0
QD1
QD2
GND
QD3
QD4
VCCD
CLK_STOP
OE0
OE1
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com