Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9446 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9446
Description  3.3V and 2.5V, LVCMOS Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9446 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9446 Datasheet HTML 1Page - Renesas Technology Corp MPC9446 Datasheet HTML 2Page - Renesas Technology Corp MPC9446 Datasheet HTML 3Page - Renesas Technology Corp MPC9446 Datasheet HTML 4Page - Renesas Technology Corp MPC9446 Datasheet HTML 5Page - Renesas Technology Corp MPC9446 Datasheet HTML 6Page - Renesas Technology Corp MPC9446 Datasheet HTML 7Page - Renesas Technology Corp MPC9446 Datasheet HTML 8Page - Renesas Technology Corp MPC9446 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATA SHEET
3.3V and 2.5V, LVCMOS Clock Fanout
Buffer
MPC9446
MPC9446 REVISION 5 3/14/16
1
©2016 Integrated Device Technology, Inc.
The MPC9446 is a 2.5 V and 3.3 V compatible 1:10 clock distribution buffer designed
for low-voltage mid-range to high-performance telecom, networking and computing
applications. Both 3.3 V, 2.5 V and dual supply voltages are supported for mixed-voltage
applications. The MPC9446 offers 10 low-skew outputs and 2 selectable inputs for clock
redundancy. The outputs are configurable and support 1:1 and 1:2 output to input
frequency ratios. The MPC9446 is specified for the extended temperature range of –40
C
to 85
C.
Features
•
Configurable 10 outputs LVCMOS clock distribution buffer
•
Compatible to single, dual and mixed 3.3 V/2.5 V voltage supply
•
Wide range output clock frequency up to 250 MHz
•
Designed for mid-range to high-performance telecom, networking
and computer applications
•
Supports applications requiring clock redundancy
•
Maximum output skew of 200 ps (150 ps within one bank)
•
Selectable output configurations per output bank
•
Tristable outputs
•
32-lead LQFP package, Pb-free
•
Ambient operating temperature range of –40 to 85
C
•
For drop in replacement part use 87946AYI-147
Functional Description
The MPC9446 is a full static fanout buffer design supporting clock frequencies up to 250
MHz. The signals are generated and retimed on-chip to ensure minimal skew between the three output banks. Two independent LVCMOS
compatible clock inputs are available. This feature supports redundant clock sources or the addition of a test clock into the system design.
Each of the three output banks can be individually supplied by 2.5 V or 3.3 V supporting mixed voltage applications. The FSELx pins
choose between division of the input reference frequency by one or two. The frequency divider can be set individually for each of the three
output banks. The MPC9446 can be reset and the outputs are disabled by deasserting the MR/OE pin (logic high state). Asserting MR/
OE will enable the outputs.
All inputs accept LVCMOS signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
transmission lines. Please consult the MPC9456 specification for a 1:10 mixed voltage buffer with LVPECL compatible inputs. For series
terminated transmission lines, each of the MPC9446 outputs can drive one or two traces giving the devices an effective fanout of 1:20.
The device is packaged in a 7x7 mm2 32-lead LQFP package.
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04
MPC9446
LOW VOLTAGE SINGLE OR
DUAL SUPPLY 2.5 V AND 3.3 V
LVCMOS CLOCK
DISTRIBUTION BUFFER
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2017


Similar Part No. - MPC9446

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
MPC9446ACR2 IDT-MPC9446ACR2 Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
More results

Similar Description - MPC9446

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com