Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9658 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9658 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9658 Datasheet HTML 1Page - Renesas Technology Corp MPC9658 Datasheet HTML 2Page - Renesas Technology Corp MPC9658 Datasheet HTML 3Page - Renesas Technology Corp MPC9658 Datasheet HTML 4Page - Renesas Technology Corp MPC9658 Datasheet HTML 5Page - Renesas Technology Corp MPC9658 Datasheet HTML 6Page - Renesas Technology Corp MPC9658 Datasheet HTML 7Page - Renesas Technology Corp MPC9658 Datasheet HTML 8Page - Renesas Technology Corp MPC9658 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
3.3V 1:10 LVCMOS PLL Clock Generator
MPC9658
NRND
MPC9658 REVISION 6 JANUARY 8, 2013
1
©2013 Integrated Device Technology, Inc.
The MPC9658 is a 3.3 V compatible, 1:10 PLL based clock generator and
zero-delay buffer targeted for high performance low-skew clock distribution in
mid-range to high-performance telecom, networking and computing applications.
With output frequencies up to 250 MHz and output skews less than 120 ps the
device meets the needs of the most demanding clock applications. The
MPC9658 is specified for the temperature range of 0°C to +70°C.
Features
•
1:10 PLL based low-voltage clock generator
•
Supports zero-delay operation
•
3.3 V power supply
•
Generates clock signals up to 250 MHz
•
Maximum output skew of 120 ps
•
Differential LVPECL reference clock input
•
External PLL feedback
•
Drives up to 20 clock lines
•
32-lead LQFP packaging
•
32-lead Pb-free Package Available
•
Pin and function compatible to the MPC958
•
NRND – Not Recommend for New Designs
The MPC9658 utilizes PLL technology to frequency lock its outputs onto an
input reference clock. Normal operation of the MPC9658 requires the connection
of the QFB output to the feedback input to close the PLL feedback path (external
feedback). With the PLL locked, the output frequency is equal to the reference
frequency of the device and VCO_SEL selects the operating frequency range of
50 to 125 MHz or 100 to 250 MHz. The two available post-PLL dividers selected
by VCO_SEL (divide-by-2 or divide-by-4) and the reference clock frequency determine the VCO frequency. Both must be select-
ed to match the VCO frequency range. The internal VCO of the MPC9658 is running at either 2x or 4x of the reference clock
frequency.
The MPC9658 has a differential LVPECL reference input along with an external feedback input. The MPC9658 is ideal for use
as a zero delay, low skew fanout buffer. The device performance has been tuned and optimized for zero delay performance.
The PLL_EN and BYPASS controls select the PLL bypass configuration for test and diagnosis. In this configuration, the se-
lected input reference clock is bypassing the PLL and routed either to the output dividers or directly to the outputs. The PLL by-
pass configurations are fully static and the minimum clock frequency specification and all other PLL characteristics do not apply.
The outputs can be disabled (high-impedance) and the device reset by asserting the MR/OE pin. Asserting MR/OE also causes
the PLL to loose lock due to missing feedback signal presence at FB_IN. Deasserting MR/OE will enable the outputs and close
the phase locked loop, enabling the PLL to recover to normal operation.
The MPC9658 is fully 3.3 V compatible and requires no external loop filter components. The inputs (except PCLK) accept
LVCMOS except signals while the outputs provide LVCMOS compatible levels with the capability to drive terminated 50
 trans-
mission lines. For series terminated transmission lines, each of the MPC9658 outputs can drive one or two traces giving the de-
vices an effective fanout of 1:16. The device is packaged in a 7x7 mm2 32-lead LQFP package.
MPC9658
LOW VOLTAGE
3.3 V LVCMOS 1:10
PLL CLOCK GENERATOR
FA SUFFIX
32-LEAD LQFP PACKAGE
CASE 873A-03
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
NRND – Not Recommend for New Designs


Similar Part No. - MPC9658

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
More results

Similar Description - MPC9658

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
3.3V 1:12 LVCMOS PLL Clock Generator
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9658 PULSECORE-PCS5I9658 Datasheet
613Kb / 15P
3.3V 1:10 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
3.3V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com