Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT721 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT721
Description  Schottky barrier double diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT721 Datasheet HTML 1Page - NXP Semiconductors BAT721 Datasheet HTML 2Page - NXP Semiconductors BAT721 Datasheet HTML 3Page - NXP Semiconductors BAT721 Datasheet HTML 4Page - NXP Semiconductors BAT721 Datasheet HTML 5Page - NXP Semiconductors BAT721 Datasheet HTML 6Page - NXP Semiconductors BAT721 Datasheet HTML 7Page - NXP Semiconductors BAT721 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 06
3
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT721 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOT23 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
40
V
IF
continuous forward current
200
mA
IFSM
non-repetitive peak forward current
tp = 8.3 ms half sinewave;
JEDEC method
1A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
continuous forward voltage
see Fig.6
IF =10mA
300
mV
IF = 100 mA
420
mV
IF = 200 mA
550
mV
IR
continuous reverse current
VR = 30 V; see Fig.7
15
µA
VR =30V;Tj = 100 °C; see Fig.7
3
mA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.8
40
50
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com