Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP6040SL Datasheet(PDF) 3 Page - CET-MOS Technology Corp.

Part # CEP6040SL
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEP6040SL Datasheet(HTML) 3 Page - CET-MOS Technology Corp.

  CEP6040SL Datasheet HTML 1Page - CET-MOS Technology Corp. CEP6040SL Datasheet HTML 2Page - CET-MOS Technology Corp. CEP6040SL Datasheet HTML 3Page - CET-MOS Technology Corp. CEP6040SL Datasheet HTML 4Page - CET-MOS Technology Corp. CEP6040SL Datasheet HTML 5Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CEP6040SL/CEB6040SL
3
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
VDS=VGS
ID=250µA
-50 -25 0 25 50 75 100 125 150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
160
120
80
40
0
0
2
4
6
200
8
TJ=125 C
-55 C
25 C
2400
2000
1600
1200
800
400
0
0
6
12
18
24
30
Ciss
Coss
Crss
2.2
1.9
1.6
1.3
1.0
0.7
0.4
VGS=10V
ID=20A
-100
-50
0
50
100
150
200
0.4
0.6
0.8
1.0
10
1
10
0
10
2
1.4
1.6
1.2
VGS=0V
100
80
60
40
20
0
0
2
4
8
6
120
10
VGS=3V
VGS=10,9,8,5,4V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com